Electronic Components Datasheet Search
  English  ▼

X  

LT8646SA Datasheet(PDF) 32 Page - Analog Devices

Part # LT8646SA
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8646SA Datasheet(HTML) 32 Page - Analog Devices

Back Button LT8646SA Datasheet HTML 28Page - Analog Devices LT8646SA Datasheet HTML 29Page - Analog Devices LT8646SA Datasheet HTML 30Page - Analog Devices LT8646SA Datasheet HTML 31Page - Analog Devices LT8646SA Datasheet HTML 32Page - Analog Devices LT8646SA Datasheet HTML 33Page - Analog Devices LT8646SA Datasheet HTML 34Page - Analog Devices LT8646SA Datasheet HTML 35Page - Analog Devices LT8646SA Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Data Sheet
LT8645SA/LT8646SA
analog.com
Rev 0
32 of 39
state. If the EN pin is grounded the SW pin current will drop to near 1µA. However, if the VINpin is grounded while the
output is held high, regardless of EN, parasitic body diodes inside the LT8645SA/LT8646SA can pull current from the
output through the SW pin and the VINpin. Figure 62 shows a connection of the VIN and EN/UV pins that will allow the
LT8645SA/LT8646SA to run only when the input voltage is present and that protects against a shorted or reversed
input.
Figure 62. Reverse VINProtection
Thermal Considerations
For higher ambient temperatures, care should be taken in the layout of the PCB to ensure good heat sinking of the
LT8645SA/LT8646SA. The ground pins on the bottom of the package should be soldered to a ground plane. This
ground should be tied to large copper layers below with thermal vias; these layers will spread heat dissipated by the
LT8645SA/LT8646SA. Placing additional vias can reduce thermal resistance further. The maximum load current
should be derated as the ambient temperature approaches the maximum junction rating. Power dissipation within
the LT8645SA/LT8646SA can be estimated by calculating the total power loss from an efficiency measurement and
subtracting the inductor loss. The die temperature is calculated by multiplying the LT8645SA/LT8646SA power
dissipation by the thermal resistance from junction to ambient.
The internal overtemperature protection monitors the junction temperature of the LT8645SA/LT8646SA. If the
junction temperature reaches approximately 180°C, the LT8645SA/LT8646SA will stop switching and indicate a fault
condition until the temperature drops about 10°C cooler.
Temperature rise of the LT8645SA/LT8646SA is worst when operating at high load, high VIN, and high switching
frequency. If the case temperature is too high for a given application, then either VIN, switching frequency, or load
current can be decreased to reduce the temperature to an acceptable level. Figure 63 shows examples of how case
temperature rise can be managed by reducing VIN, switching frequency, or load.
Figure 63. Case Temperature Rise
VIN
VIN
D1
LT8645SA/
LT8646SA
EN/UV
GND
DEMO BOARD
VIN = 12V, fSW = 2MHz
VIN = 24V, fSW = 2MHz
VIN = 12V, fSW = 400kHz
VIN = 24V, fSW = 400kHz
VIN = 48V, fSW = 400kHz
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
10
20
30
40
50
60
70
80
90
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com