Electronic Components Datasheet Search
  English  ▼

X  

LT8646SA Datasheet(PDF) 21 Page - Analog Devices

Part # LT8646SA
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8646SA Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8646SA Datasheet HTML 17Page - Analog Devices LT8646SA Datasheet HTML 18Page - Analog Devices LT8646SA Datasheet HTML 19Page - Analog Devices LT8646SA Datasheet HTML 20Page - Analog Devices LT8646SA Datasheet HTML 21Page - Analog Devices LT8646SA Datasheet HTML 22Page - Analog Devices LT8646SA Datasheet HTML 23Page - Analog Devices LT8646SA Datasheet HTML 24Page - Analog Devices LT8646SA Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Data Sheet
LT8645SA/LT8646SA
analog.com
Rev 0
21 of 39
THEORY OF OPERATION
The LT8645SA/LT8646SA is a monolithic, constant frequency, current mode step-down DC/DC converter. An
oscillator, with frequency set using a resistor on the RT pin, turns on the internal top power switch at the beginning
of each clock cycle. Current in the inductor then increases until the top switch current comparator trips and turns off
the top power switch. The peak inductor current at which the top switch turns off is controlled by the voltage on the
internal VC node. The error amplifier servos the VC node by comparing the voltage on the VFB pin with an internal 0.97V
reference. When the load current increases, it causes a reduction in the feedback voltage relative to the reference,
leading the error amplifier to raise the VC voltage until the average inductor current matches the new load current.
When the top power switch turns off, the synchronous power switch turns on until the next clock cycle begins or
inductor current falls to zero. If overload conditions result in more than 12A flowing through the bottom switch, the
next clock cycle will be delayed until switch current returns to a safe level.
The S in LT8645SA/LT8646SA refers to the second-generation Silent Switcher technology. This technology allows fast
switching edges for high efficiency at high switching frequencies, while simultaneously achieving good EMI
performance. This includes the integration of ceramic capacitors into the package for VIN, BST, and INTVCC (see Block
Diagram). These caps keep all the fast AC current loops small, which improves EMI performance.
If the EN/UV pin is low, the LT8645SA/LT8646SA shuts down and draws approximately 1µA from the input. When the
EN/UV pin is above 1.01V, the switching regulator becomes active.
To optimize efficiency at light loads, the LT8645SA/LT8646SA operates in Burst Mode operation in light load
situations. Between bursts, all circuitry associated with controlling the output switch is shut down, reducing the
input supply current to 1.7μA (LT8645SA) or 230μA (LT8646SA with BIAS = 0). In a typical application, 2.5μA
(LT8645SA) or 120μA (LT8646SA with BIAS = 5VOUT) will be consumed from the input supply when regulating with no
load. The SYNC/MODE pin is tied low to use Burst Mode operation and can be floated to use forced continuous mode
(FCM). If a clock is applied to the SYNC/MODE pin, the part will synchronize to an external clock frequency and
operate in FCM.
The LT8645SA/LT8646SA can operate in forced continuous mode (FCM) for fast transient response and full frequency
operation over a wide load range. When in FCM, the oscillator operates continuously, and positive SW transitions are
aligned to the clock. Negative inductor current is allowed. The LT8645SA/LT8646SA can sink current from the output
and return this charge to the input in this mode, improving load step transient response.
To improve EMI, the LT8645SA/LT8646SA can operate in spread spectrum mode. This feature varies the clock with a
triangular frequency modulation of +20%. For example, if the LT8645SA/LT8646SA’s frequency is programmed to
switch at 2MHz, spread spectrum mode will modulate the oscillator between 2MHz and 2.4MHz. The SYNC/MODE pin
should be tied high to INTVCC (or >3V) to enable spread spectrum modulation with forced continuous mode.
To improve efficiency across all loads, supply current to internal circuitry can be sourced from the BIAS pin when
biased at 3.3V or above. Else, the internal circuitry will draw current from VIN. The BIAS pin should be connected to
VOUT, if the LT8645SA/LT8646SA output is programmed at 3.3V to 25V.
The VC pin optimizes the loop compensation of the switching regulator based on the programmed switching
frequency, allowing for a fast transient response. The VCpin also enables current sharing and a CLKOUT pin enables
synchronizing other regulators to the LT8646SA.
Comparators monitoring the FB pin voltage will pull the PG pin low if the output voltage varies more than ±8%
(typical) from the set point, or if a fault condition is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com