Electronic Components Datasheet Search
  English  ▼

X  

LT8646SA Datasheet(PDF) 13 Page - Analog Devices

Part # LT8646SA
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8646SA Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8646SA Datasheet HTML 9Page - Analog Devices LT8646SA Datasheet HTML 10Page - Analog Devices LT8646SA Datasheet HTML 11Page - Analog Devices LT8646SA Datasheet HTML 12Page - Analog Devices LT8646SA Datasheet HTML 13Page - Analog Devices LT8646SA Datasheet HTML 14Page - Analog Devices LT8646SA Datasheet HTML 15Page - Analog Devices LT8646SA Datasheet HTML 16Page - Analog Devices LT8646SA Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Data Sheet
LT8645SA/LT8646SA
analog.com
Rev 0
13 of 39
Figure 15. Burst Mode Operation Efficiency
vs Inductor Value (LT8645SA)
Figure 16. Reference Voltage
Figure 17. EN Pin Thresholds
Figure 18. LT8645SA Load Regulation
Figure 19. LT8646SA Load Regulation
Figure 20. LT8645SA Line Regulation
VOUT = 5V
L = XAL7070
IOUT = 10mA
VIN = 12V
VIN = 24V
VIN = 48V
INDUCTOR VALUE (µH)
1
2
3
4
5
6
7
50
55
60
65
70
75
80
85
90
95
100
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
961
963
965
967
969
971
973
975
977
979
EN RISING
EN FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
–0.10
–0.05
0
0.05
0.10
0.15
0.20
VOUT = 5V
VIN = 12V
VSYNC = 0V
VOUT = 5V
VIN = 12V
VSYNC = 0V
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
–0.50
–0.40
–0.30
–0.20
–0.10
0
0.10
0.20
0.30
0.40
VOUT = 5V
ILOAD = 2A
INPUT VOLTAGE (V)
5
15
25
35
45
55
65
–0.10
–0.05
0
0.05
0.10
0.15
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com