Electronic Components Datasheet Search
  English  ▼

X  

LTC7899 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC7899
Description  140V, Low IQ, Negative to Positive Synchronous Boost Controller with 10V Gate Drive
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7899 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC7899 Datasheet HTML 16Page - Analog Devices LTC7899 Datasheet HTML 17Page - Analog Devices LTC7899 Datasheet HTML 18Page - Analog Devices LTC7899 Datasheet HTML 19Page - Analog Devices LTC7899 Datasheet HTML 20Page - Analog Devices LTC7899 Datasheet HTML 21Page - Analog Devices LTC7899 Datasheet HTML 22Page - Analog Devices LTC7899 Datasheet HTML 23Page - Analog Devices LTC7899 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
Data Sheet
LTC7899
analog.com
Rev. 0
20 of 50
THEORY OF OPERATION
Main Control Loop
The LTC7899 is a synchronous controller utilizing a constant frequency, peak current mode architecture. During
normal operation, the external bottom MOSFET turns on when the clock sets the RS latch, causing the inductor
current to increase. The main switch turns off when the main current comparator, ICMP, resets the RS latch. After
the bottom MOSFET is turned off each cycle, the top MOSFET turns on, which causes the inductor current to decrease
until either the inductor current starts to reverse, as indicated by the current comparator (IR), or the beginning of the
next clock cycle.
The peak inductor current at which ICMP trips and resets the latch is controlled by the voltage on the ITH pin, which
is the output of the error amplifier (EA). The error amplifier compares the output voltage feedback signal at the VFBB
pin (which is generated with an external resistor connected to VIN–) to the internal 1.2V reference voltage. When the
load current increases, it causes a slight decrease in VFBB relative to the reference, which causes the EA to increase
the ITH voltage until the average inductor current meets the new load current.
After the bottom MOSFET is turned off each cycle, the top MOSFET turns on until either the inductor current starts to
reverse, as indicated by the current comparator (IR), or the beginning of the next clock cycle.
Power and Bias Supplies (V
BIAS, EXTVCC, DRVCC, and INTVCC)
Power for the top and bottom MOSFET drivers is derived from the DRVCC pin. LDOs (low dropout linear regulators)
are available from both the VBIAS and EXTVCC pins to provide power to DRVCC, which can be programmed from 5V to
10V through control of the DRVSET pin. When the EXTVCC pin is tied to a voltage below its switchover voltage, the VBIAS
LDO supplies power to DRVCC. If EXTVCC is taken above its switchover voltage (4.8V, 6.1V or 7.7V depending on the
DRVUV pin), the VBIAS LDO is turned off and the EXTVCC LDO is turned on. Once enabled, the EXTVCC LDO supplies power
to DRVCC. Using the EXTVCC pin allows the DRVCC power to be derived from a high efficiency external source.
The INTVCC supplies power for most of the internal circuits in the LTC7899. The INTVCC LDO regulates to a fixed value
of 4.5V and its power is derived from the DRVCC supply.
High-Side Bootstrap Capacitor
The top MOSFET driver is biased from the floating bootstrap capacitor (CB), which normally recharges during each
cycle through an external diode between BOOST and DRVCC whenever the switch voltage goes low. The LTC7899 also
has an internal charge pump that keeps the required bias on BOOST. The charge pump always operates in both
forced continuous mode and pulse-skipping mode. In burst mode operation, the charge pump is turned off during
sleep and enabled when the chip wakes up. The internal charge pump can nominally supply a charging current of
80µA.
If the input voltage GND to VIN– decreases to a voltage close to its output (VOUT), the loop may enter dropout and
attempt to turn on the top MOSFET continuously. In forced continuous mode or pulse-skipping mode, the internal
charge pump enables the top MOSFET to be turned on continuously, resulting in a 100% duty cycle.
Dead Time Control (DTCA and DTCB Pins)
The LTC7899 dead time delays can be programmed from 13ns to 100ns through configuration of the DTCA and DTCB
pins. The DTCA pin programs the dead time associated with the bottom MOSFET turning off (BG falling) and the top
MOSFET turning on (TG rising). The DTCB pin programs the dead time associated with the top MOSFET turning off
(TG falling) and the bottom MOSFET turning on (BG rising).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com