Electronic Components Datasheet Search
  English  ▼

X  

LTC7899 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC7899
Description  140V, Low IQ, Negative to Positive Synchronous Boost Controller with 10V Gate Drive
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7899 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC7899 Datasheet HTML 20Page - Analog Devices LTC7899 Datasheet HTML 21Page - Analog Devices LTC7899 Datasheet HTML 22Page - Analog Devices LTC7899 Datasheet HTML 23Page - Analog Devices LTC7899 Datasheet HTML 24Page - Analog Devices LTC7899 Datasheet HTML 25Page - Analog Devices LTC7899 Datasheet HTML 26Page - Analog Devices LTC7899 Datasheet HTML 27Page - Analog Devices LTC7899 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
Data Sheet
LTC7899
analog.com
Rev. 0
24 of 50
APPLICATIONS INFORMATION
The typical application on the first page is a basic LTC7899 application circuit. External component selection is
largely driven by the load requirement and begins with the selection of the inductor, current sense components,
operating frequency, and light load operating mode. The remaining power stage components, consisting of the input
and output capacitors, and power MOSFETs can then be chosen. Next, feedback resistors are selected to set the
desired output voltage. Then, the remaining external components are selected, such as for soft-start, biasing, and
loop compensation.
Inductor Value Calculation
The operating frequency and inductor selection are interrelated in that higher operating frequencies allow the use
of smaller inductor and capacitor values. So, why would anyone ever choose to operate at lower frequencies with
larger components? The answer is efficiency. A higher frequency generally results in lower efficiency because of
MOSFET switching and gate charge losses. In addition to this basic trade-off, the effect of inductor value on the ripple
current and low current operation must also be considered. The inductor value has a direct effect on the ripple
current.
The maximum average inductor current in continuous conduction is equal to the maximum average output current
multiplied by a factor (1 + VOUT/|VIN-|) or IOUT(MAX)= IL(MAX)•|VIN-|/(VOUT+ |VIN-|), where VOUT is referenced to ground. Be aware
that the maximum output current from this regulator decreases with decreasing |VIN-|. The choice of IL(MAX) therefore
depends on the maximum load current for a regulated VOUT at the minimum normal operating |VIN-|. If the load current
for a given |VIN-| is exceeded, VOUT will decrease until the IOUT(MAX) = IL(MAX)•|VIN-|/(VOUT + |VIN-|) equation is satisfied.
Accepting larger values of ∆IL allows the use of low inductances, but results in higher output voltage ripple and
greater core losses. A reasonable starting point for setting ripple current is ∆IL = 0.3•IL(MAX). The maximum ∆IL occurs
at |VIN-| = VOUT given by Equation 1, as follows:
∆IL =
|VIN−|
(f)(L)
(
VOUT
VOUT+|VIN−|
)
(1)
The inductor value also has secondary effects. The transition to burst mode operation begins when the average
inductor current required results in a peak current below 25% of the current limit determined by RSENSE. Lower
inductor values (higher ΔIL) cause this transition to occur at lower load currents, which can cause a dip in efficiency
in the upper range of low current operation. In burst mode operation, lower inductance values cause the burst
frequency to decrease.
Inductor Core Selection
When the value for L is known, select the type of inductor. High efficiency regulators generally cannot afford the core
loss found in low cost powdered iron cores, forcing the use of more expensive ferrite or molypermalloy cores. The
actual core loss is independent of core size for a fixed inductor value, but it is dependent on the inductance value
selected. As inductance increases, core losses decrease. However, because increased inductance requires more
turns of wire, copper losses increase.
Ferrite designs have low core loss and are preferred for high switching frequencies. Therefore, design goals can
concentrate on copper loss and preventing saturation. Ferrite core material saturates hard, which means that
inductance collapses abruptly when the peak design current is exceeded. This collapse results in an abrupt increase
in inductor ripple current and consequent output voltage ripple. Do not allow the core to saturate. The inductor
saturation design margin should account for the tolerance and temperature effects of the saturation current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com