Electronic Components Datasheet Search
  English  ▼

X  

LT8625SP Datasheet(PDF) 32 Page - Analog Devices

Part # LT8625SP
Description  18V, 3A/5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8625SP Datasheet(HTML) 32 Page - Analog Devices

Back Button LT8625SP Datasheet HTML 28Page - Analog Devices LT8625SP Datasheet HTML 29Page - Analog Devices LT8625SP Datasheet HTML 30Page - Analog Devices LT8625SP Datasheet HTML 31Page - Analog Devices LT8625SP Datasheet HTML 32Page - Analog Devices LT8625SP Datasheet HTML 33Page - Analog Devices LT8625SP Datasheet HTML 34Page - Analog Devices LT8625SP Datasheet HTML 35Page - Analog Devices LT8625SP Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Data Sheet
LT83203/LT83205
analog.com
Rev. B
32 of 44
When the enable pin drops below 0.7V, the part stops switching, but internal circuitry continues drawing current as
the INTVCC regulator is still awake. Full shutdown is guaranteed when the enable pin drops below 200mV. In full
shutdown, the INTVCC regulator is disabled, and the part draws less than 70μA.
Adding a resistor divider from VIN to EN/UVLO programs the LT83203/LT83205 to regulate the output only when VIN is
above the required voltage (see the Block Diagram). This threshold, VIN(EN), is typically used when the input supply is
either current limited or has a relatively high source resistance. A switching regulator draws constant power from the
source, so the source current increases as the source voltage drops. This looks like a negative resistance load to the
source and causes the source to current limit or latch low under low source voltage conditions. The VIN(EN) threshold
prevents the regulator from operating at source voltages where the problems might occur. This threshold can be
adjusted by setting the values of REN1 and REN2 such that they satisfy Equation 10.
VIN(EN) = (
REN1
REN2
+ 1) × 0.75V
(10)
where the LT83203/LT83205 remains off until VIN is above VIN(EN). Due to the comparator’s hysteresis, switching does
not stop until the input falls slightly below VIN(EN).
INTV
CC Regulator
An internal low dropout (LDO) regulator produces the 3.4V supply from VIN that powers the drivers and the internal
bias circuitry. The INTVCC supplies enough current for the LT83203/LT83205’s circuitry. The voltage on INTVCC varies
between 2.6V and 3.4V when VIN is between 2.7V and 3.5V. Do not connect an external load to the INTVCC pin.
SET Pin Capacitor: Noise and Soft-Start
In addition to reducing output noise, using a SET pin bypass capacitor reduces the sensitivity to any parasitic
coupling of voltage spikes onto the SET pin. Note that any bypass capacitor leakage deteriorates the
LT83203/LT83205’s DC regulation. Capacitor leakage of even 100nA is a 0.1% DC error. Therefore, it is recommended
to use a good quality, low leakage ceramic capacitor.
Using a SET pin bypass capacitor also soft-starts the output and limits inrush current. Soft-starting the output
prevents a current surge on the input supply. The SET pin capacitor and resistor values set the ramp-up time of the
reference voltage, and the output voltage tracks this voltage. The SET pin resistor size is determined by the
application’s required output voltage; however, the capacitor size may be selected to achieve the desired ramp-up
time. It is important to consider that the size of the SET pin capacitor also plays a role in noise performance, which is
typically the more important factor in determining the size of this capacitor.
Ceramics are manufactured with a variety of dielectrics, each with a different behavior across temperature and
applied voltage. Care should be taken when selecting a ceramic capacitor for bypassing the SET pin, as this is a
critical component. An X7R (or better) ceramic capacitor is strongly recommended for its superior stability across
temperature and DC voltage bias. Additionally, larger case sizes are recommended for better DC bias and AC voltage
characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com