Electronic Components Datasheet Search
  English  ▼

X  

LT8625SP Datasheet(PDF) 13 Page - Analog Devices

Part # LT8625SP
Description  18V, 3A/5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8625SP Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8625SP Datasheet HTML 9Page - Analog Devices LT8625SP Datasheet HTML 10Page - Analog Devices LT8625SP Datasheet HTML 11Page - Analog Devices LT8625SP Datasheet HTML 12Page - Analog Devices LT8625SP Datasheet HTML 13Page - Analog Devices LT8625SP Datasheet HTML 14Page - Analog Devices LT8625SP Datasheet HTML 15Page - Analog Devices LT8625SP Datasheet HTML 16Page - Analog Devices LT8625SP Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Data Sheet
LT83203/LT83205
analog.com
Rev. B
13 of 44
Figure 16. SET Pin Current vs. VSET
Figure 17. SET Pin Current vs. Input Voltage
Figure 18. Load Regulation
Figure 19. Line Regulation
Figure 20. EN/UVLO Pin Thresholds
Figure 21. Top MOSFET Current Limit
VIN = 18V
VSET (V)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
VOUT = 1V
INPUT VOLTAGE (V)
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
VOUT = 1V
PULSE-SKIPPING MODE
FORCED CONTINUOUS MODE
LOAD CURRENT (A)
0
1
2
3
4
5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
VOUT = 1V
ILOAD = 1A
fSW = 2MHz
FORCED CONTINUOUS MODE
INPUT VOLTAGE (V)
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
–0.50
–0.45
–0.40
–0.35
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
EN/UVLO RISING
EN/UVLO FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0.67
0.68
0.69
0.70
0.71
0.72
0.73
0.74
0.75
0.76
0.77
10% DC
LT83205
LT83203
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
4
5
6
7
8
9
10
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com