Electronic Components Datasheet Search
  English  ▼

X  

TOP232-234 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # TOP232-234
Description  Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232-234 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button TOP232-234 Datasheet HTML 2Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 3Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 4Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 5Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 6Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 7Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 8Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 9Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Rev. C 06/15
6
TOP232-234
www.power.com
Figure 6. Switching Frequency Jitter.
by the MOSFET gate driver. The filtered error signal is
compared with the internal oscillator sawtooth waveform to
generate the duty cycle waveform. As the control current
increases, the duty cycle decreases. A clock signal from the
oscillator sets a latch which turns on the output MOSFET. The
pulse width modulator resets the latch, turning off the output
MOSFET. Note that a minimum current must be driven into
the CONTROL pin before the duty cycle begins to change.
The maximum duty cycle, DC
MAX, is set at a default maximum
value of 78% (typical). However, by connecting the MULTI-
FUNCTION pin to the rectified DC high-voltage bus through a
resistor with appropriate value, the maximum duty cycle can
be made to decrease from 78% to 38% (typical) as shown in
Figure 8 when input line voltage increases (see line feed-
forward with DC
MAX reduction).
Minimum Duty Cycle and Cycle Skipping
To maintain power supply output regulation, the pulse width
modulator reduces duty cycle as the load at the power supply
output decreases. This reduction in duty cycle is proportional
to the current flowing into the CONTROL pin. As the CONTROL
pin current increases, the duty cycle reduces linearly towards
a minimum value specified as minimum duty cycle, DC
MIN.
After reaching DC
MIN, if CONTROL pin current is increased
further by approximately 0.4 mA, the pulse width modulator
will force the duty cycle from DC
MIN to zero in a discrete step
(refer to Figure 4). This feature allows a power supply to
operate in a cycle skipping mode when the load at its output
consumes less power than the power that TOPSwitch-FX
delivers at minimum duty cycle, DC
MIN. No additional control is
needed for the transition between normal operation and cycle
skipping. As the load increases or decreases, the power
supply automatically switches between normal operation and
cycle skipping mode as necessary.
Cycle skipping may be avoided, if so desired, by connecting a
minimum load at the power supply output such that the duty
cycle remains at a level higher than DC
MIN at all times.
Error Amplifier
The shunt regulator can also perform the function of an error
amplifier in primary feedback applications. The shunt regulator
voltage is accurately derived from a temperature-compensated
bandgap reference. The gain of the error amplifier is set by the
CONTROL pin dynamic impedance. The CONTROL pin
clamps external circuit signals to the V
C voltage level. The
CONTROL pin current in excess of the supply current is
separated by the shunt regulator and flows through R
E as a
voltage error signal.
On-Chip Current Limit with External Programmability
The cycle-by-cycle peak drain current limit circuit uses the
output MOSFET ON-resistance as a sense resistor. A current
limit comparator compares the output MOSFET on-state drain
to source voltage, V
DS(ON) with a threshold voltage. High drain
current causes V
DS(ON) to exceed the threshold voltage and
turns the output MOSFET off until the start of the next clock
cycle. The default current limit of TOPSwitch-FX is preset
internally. However, with a resistor connected between
MULTI-FUNCTION pin and SOURCE pin, current limit can be
programmed externally to a lower level between 40% and
100% of the default current limit. Please refer to the graphs in
the typical performance characteristics section for the
selection of the resistor value. By setting current limit low, a
TOPSwitch-FX that is bigger than necessary for the power
required can be used to take advantage of the lower R
DS(ON) for
higher efficiency. With a second resistor connected between
the MULTI-FUNCTION pin and the rectified DC high-voltage
bus providing a small amount of feed-forward current, a true
power limiting operation against line variation can be
implemented. When using an RCD clamp, this feed-forward
technique reduces maximum clamp voltage at high line
allowing for higher reflected voltage designs. The current limit
comparator threshold voltage is temperature compensated to
minimize the variation of the current limit due to temperature
related changes in R
DS(ON) of the output MOSFET.
The leading edge blanking circuit inhibits the current limit
comparator for a short time after the output MOSFET is turned
on. The leading edge blanking time has been set so that, if a
power supply is designed properly, current spikes caused by
primary-side capacitances and secondary-side rectifier
reverse recovery time will not cause premature termination of
the switching pulse.
The current limit can be lower for a short period after the
leading edge blanking time as shown in Figure 33. This is due
to dynamic characteristics of the MOSFET. To avoid triggering
the current limit in normal operation, the drain current
waveform should stay within the envelope shown.
Line Undervoltage Detection (UV)
At power up, UV keeps TOPSwitch-FX off until the input line
voltage reaches the undervoltage threshold. At power down,
UV prevents auto-restart attempts after the output goes out of
regulation. This eliminates power down glitches caused by
the slow discharge of input storage capacitor present in
applications such as standby supplies. A single resistor
connected from the MULTI-FUNCTION pin to the rectified DC
high-voltage bus sets UV threshold during power up. Once the
power supply is successfully turned on, UV is disabled to
128 kHz
4 ms
Time
Switching
Frequency
VDRAIN
136 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com