Electronic Components Datasheet Search
  English  ▼

X  

TOP232-234 Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # TOP232-234
Description  Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232-234 Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button TOP232-234 Datasheet HTML 8Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 9Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 10Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 11Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 12Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 13Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 14Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 15Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Rev. C 06/15
12
TOP232-234
www.power.com
Figure 15. Line Sensing for Undervoltage Only (Overvoltage Disabled).
PI-2510-040401
DC
Input
Voltage
+
-
DM
S
C
VUV = RLS x IUV
For Value Shown
VUV = 100 VDC
RLS
6.2 V
2 MΩ
22 kΩ
CONTROL
Figure 16. Line Sensing for Overvoltage Only (Undervoltage Disabled).
Figure 17. Externally Set Current Limit.
PI-2517-040401
DC
Input
Voltage
+
-
DM
S
C
For RIL = 12 kΩ
ILIMIT = 67%
CONTROL
RIL
See graph for other
resistor values (RIL)
For RIL = 25 kΩ
ILIMIT = 40%
PI-2516-040401
DC
Input
Voltage
+
-
DM
S
C
VOV = IOV x RLS
For Values Shown
VOV = 450 VDC
CONTROL
RLS
IN4148
2 MΩ
30 kΩ
Figure 13. Three Terminal Operation (MULTI-FUNCTION Features Disabled.
FREQUENCY Pin Tied to SOURCE or CONTROL Pin).
Figure 14. Line Sensing for Undervoltage, Overvoltage and Maximum Duty
Cycle Reduction.
PI-2508-081199
DC
Input
Voltage
+
-
D
S
C
CONTROL
M
PI-2509-040401
DC
Input
Voltage
+
-
DM
S
C
VUV = IUV x RLS
VOV = IOV x RLS
For RLS = 2 MΩ
VUV = 100 VDC
VOV = 450 VDC
DCMAX@100 VDC = 78%
DCMAX@375 VDC = 47%
CONTROL
RLS
2 MΩ
Typical Uses of MULTI-FUNCTION (M) Pin
Figure 18. Current Limit Reduction with Line Voltage.
PI-2518-040401
DC
Input
Voltage
+
-
DM
S
C
CONTROL
RIL
RLS
2.5 MΩ
6 kΩ
90% @ 100 VDC
55% @ 300 VDC
ILIMIT =
ILIMIT =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com