Electronic Components Datasheet Search
  English  ▼

X  

TOP232-234 Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # TOP232-234
Description  Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP232-234 Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button TOP232-234 Datasheet HTML 5Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 6Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 7Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 8Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 9Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 10Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 11Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 12Page - Power Integrations, Inc. TOP232-234 Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Rev. C 06/15
9
TOP232-234
www.power.com
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
Table 2. Typical MULTI-FUNCTION Pin Configurations.
MULTI-FUNCTION PIN TABLE*
13
14
15
16
17
18
19
20
21
22
23
*This table is only a partial list of many MULTI-FUNCTION pin configurations that are possible.
Using FREQUENCY and MULTI-FUNCTIONAL Pins
FREQUENCY (F) Pin Operation
The FREQUENCY pin is a digital input pin available in TO-220
package only. Shorting the FREQUENCY pin to SOURCE pin
selects the nominal switching frequency of 132 kHz (Figure 10)
which is suited for most applications. For other cases that
may benefit from lower switching frequency such as noise
sensitive video applications, a 66 kHz switching frequency (half
frequency) can be selected by shorting the FREQUENCY pin
to the CONTROL pin (Figure 11). In addition, an example
circuit shown in Figure 12 may be used to lower the switching
frequency from 132 kHz in normal operation to 66 kHz in
standby mode for very low standby power consumption.
MULTI-FUNCTION (M) Pin Operation
When current is fed into the MULTI-FUNCTION pin, it works as
a voltage source of approximately 2.6 V up to a maximum
current of +400
µA (typical). At +400 µA, this pin turns into a
constant current sink. When current is drawn out of the
MULTI-FUNCTION pin, it works as a voltage source of
approximately 1.32 V up to a maximum current of –240
µA
(typical). At –240
µA, it turns into a constant current source.
Refer to Figure 9.
There are a total of five functions available through the use of
the MULTI-FUNCTION pin: OV, UV, line feed-forward with
DC
MAX reduction, external current limit and remote ON/OFF. A
short circuit between the MULTI-FUNCTION pin and SOURCE
pin disables all five functions and forces TOPSwitch-FX to
operate in a simple three terminal mode like TOPSwitch-II. The
MULTI-FUNCTION pin is typically used for line sensing by
Figure Number
Three Terminal Operation
Undervoltage
Overvoltage
Line Feed-forward (DC
MAX)
Line Feed-forward (I
LIMIT)
External Current Limit
Remote ON/OFF
connecting a resistor from this pin to the rectified DC high-
voltage bus to implement OV, UV and DC
MAX reduction with
line voltage functions. In this mode, the value of the resistor
determines the line OV/UV thresholds, and the DC
MAX is
reduced linearly with rectified DC high-voltage starting from
just above the UV threshold. In high efficiency applications
this pin can be used in the external current limit mode instead,
to reduce the current limit externally to a value close to the
operating peak current, by connecting the pin to the SOURCE
pin through a resistor. The same pin can also be used as a
remote on/off and a synchronization input in both modes.
Please refer to Table 2 for possible combinations of the
functions with example circuits shown in Figure 13 through
Figure 23. A description of specific functions in terms of the
MULTI-FUNCTION pin I/V characteristic is shown in Figure 8.
The horizontal axis represents MULTI-FUNCTION pin current
with positive polarity indicating currents flowing into the pin.
The meaning of the vertical axes varies with functions. For
those that control the on/off states of the output such as UV,
OV and remote ON/OFF, the vertical axis represents the enable/
disable states of the output. UV triggers at I
UV (+50 µA typical)
and OV triggers at I
OV (+225 µA typical). Between +50 µA and
+225
µA, the output is enabled. For external current limit and
line feed-forward with DC
MAX reduction, the vertical axis
represents the magnitude of the I
LIMIT and DCMAX. Line feed-
forward with DC
MAX reduction lowers maximum duty cycle
from 78% at I
M(DC) (+90 µA typical) to 38% at IOV (+225 µA).
External current limit is available only with negative MULTI-
FUNCTION pin current. Please see graphs in the typical
performance characteristics section for the current limit program-
ming range and the selection of appropriate resistor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com