Electronic Components Datasheet Search
  English  ▼

X  

TPS720 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS720
Description  TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS720 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS720 Datasheet HTML 17Page - Texas Instruments TPS720 Datasheet HTML 18Page - Texas Instruments TPS720 Datasheet HTML 19Page - Texas Instruments TPS720 Datasheet HTML 20Page - Texas Instruments TPS720 Datasheet HTML 21Page - Texas Instruments TPS720 Datasheet HTML 22Page - Texas Instruments TPS720 Datasheet HTML 23Page - Texas Instruments TPS720 Datasheet HTML 24Page - Texas Instruments TPS720 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Nov-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TPS72009YZUR
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
G3
TPS72009YZUR.B
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
G3
TPS72009YZUT
Active
Production
DSBGA (YZU) | 5
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
G3
TPS72009YZUT.B
Active
Production
DSBGA (YZU) | 5
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
G3
TPS720102YZUR
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
DI
TPS720102YZUR.B
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
DI
TPS720102YZUT
Active
Production
DSBGA (YZU) | 5
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
DI
TPS720102YZUT.B
Active
Production
DSBGA (YZU) | 5
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
DI
TPS720105DRVR
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
ODC
TPS720105DRVR.B
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
ODC
TPS720105DRVT
Active
Production
WSON (DRV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
ODC
TPS720105DRVT.B
Active
Production
WSON (DRV) | 6
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
ODC
TPS720105YZUR
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
NM
TPS720105YZUR.B
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
NM
TPS720105YZUT
Active
Production
DSBGA (YZU) | 5
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
NM
TPS720105YZUT.B
Active
Production
DSBGA (YZU) | 5
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
NM
TPS72010DRVR
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
DAA
TPS72010DRVR.B
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
DAA
TPS72010DRVT
Active
Production
WSON (DRV) | 6
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
DAA
TPS72010DRVT.B
Active
Production
WSON (DRV) | 6
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
DAA
TPS720115DRVR
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
SHP
TPS720115DRVR.B
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
SHP
TPS720115DRVT
Active
Production
WSON (DRV) | 6
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
SHP
TPS720115DRVT.B
Active
Production
WSON (DRV) | 6
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
SHP
TPS72011DRVR
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
PAR
TPS72011DRVR.B
Active
Production
WSON (DRV) | 6
3000 | LARGE T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
PAR
TPS72011DRVT
Active
Production
WSON (DRV) | 6
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
PAR
TPS72011DRVT.B
Active
Production
WSON (DRV) | 6
250 | SMALL T&R
Yes
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
PAR
TPS72011YZUR
Active
Production
DSBGA (YZU) | 5
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
-40 to 125
BQ
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com