Electronic Components Datasheet Search
  English  ▼

X  

TPS720 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS720
Description  TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS720 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS720 Datasheet HTML 9Page - Texas Instruments TPS720 Datasheet HTML 10Page - Texas Instruments TPS720 Datasheet HTML 11Page - Texas Instruments TPS720 Datasheet HTML 12Page - Texas Instruments TPS720 Datasheet HTML 13Page - Texas Instruments TPS720 Datasheet HTML 14Page - Texas Instruments TPS720 Datasheet HTML 15Page - Texas Instruments TPS720 Datasheet HTML 16Page - Texas Instruments TPS720 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13
TPS720
www.ti.com
SBVS100E – JUNE 2008 – REVISED SEPTEMBER 2015
Product Folder Links: TPS720
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Feature Description (continued)
Assuming a COUT of 2.2 μF with the load disconnected (that is, ILOAD = 0) the IINRUSHLIMIT is calculated to be 100
mA. The inrush current charges the LDO output capacitor. If the output of the LDO regulates to 1.3 V, then the
LDO charges the output capacitor to the final output value in approximately 28.6 μs.
Another consideration is when a load is connected to the output of an LDO. The connected load tries to steer a
portion of the current away from VOUT. The TPS720 inrush current limit circuit employs a new technique that
supplies not only the IINRUSHLIMIT, but also the additional current needed by the load. If ILOAD = 350 mA, then the
IINRUSHLIMIT calculates to be approximately 450 mA (from Equation 1).
7.3.3 Shutdown
The enable pin (EN) is active high and is compatible with standard and low voltage, TTL-CMOS levels. When
shutdown capability is not required, EN can be connected to the IN pin.
7.3.4 Undervoltage Lockout (UVLO)
The TPS720 uses an undervoltage lock-out circuit on the BIAS pin to keep the output shut off until the internal
circuitry is operating properly. The UVLO circuit has a deglitch feature so that it typically ignores undershoot
transients on the input if they are less than 50-μs duration.
7.4 Device Functional Modes
Driving the EN pin over 1.1 V turns on the regulator. Driving the EN pin below 0.4 V causes the regulator to enter
shutdown mode. In shutdown, the current consumption of the device is reduced to 500 nA, typically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com