Electronic Components Datasheet Search
  English  ▼

X  

TPS79225DBVT Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS79225DBVT
Description  TPS792 Ultra-Low Noise, High-PSRR, Fast RF, 100mA, Low-Dropout Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79225DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS79225DBVT Datasheet HTML 1Page - Texas Instruments TPS79225DBVT Datasheet HTML 2Page - Texas Instruments TPS79225DBVT Datasheet HTML 3Page - Texas Instruments TPS79225DBVT Datasheet HTML 4Page - Texas Instruments TPS79225DBVT Datasheet HTML 5Page - Texas Instruments TPS79225DBVT Datasheet HTML 6Page - Texas Instruments TPS79225DBVT Datasheet HTML 7Page - Texas Instruments TPS79225DBVT Datasheet HTML 8Page - Texas Instruments TPS79225DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
TPS792
UNIT
DBV (SOT23-6)
DBV (SOT23-6)(2)
DBV (SOT23-5)
DBV (SOT23-5)(2)
6 PINS
6 PINS
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
225.1
171.7
225.1
171.7
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
78.4
110.8
78.4
110.8
°C/W
RθJB
Junction-to-board thermal resistance
54.7
85.4
54.7
85.4
°C/W
ψJT
Junction-to-top characterization parameter
3.3
54.4
3.3
54.4
°C/W
ψJB
Junction-to-board characterization parameter
53.8
85.2
53.8
85.2
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Packaging application note.
(2)
New Chip.
5.5 Electrical Characteristics
over recommended operating temperature range, TJ = –40°C to +125°C VEN = VIN, VIN = VO(typ) + 1V, IOUT = 1 mA, COUT =
10 µF, CNR = 0.01 µF (Legacy Chip) (unless otherwise noted). All typical values at TJ= 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output
accuracy
TPS79201 (1)
0µA < IOUT <
100mA 1.22V <
VOUT < 5.2V
0.98 VOUT
VOUT
1.02 VOUT
V
TPS79225
(Legacy chip
only)
0µA < IOUT <
100mA 1.22V <
VOUT < 5.2V
2.45
2.5
2.55
V
TPS79228
(Legacy chip
only)
0µA < IOUT <
100mA 1.22V <
VOUT < 5.2V
2.744
2.8
2.856
V
TPS79230
0µA < IOUT <
100mA, 4V <
VIN < 5.5V
2.94
3
3.06
IGND
Quiescent
current (GND
current)
0µA ≤ IO ≤ 100mA (Legacy Chip)
170
250
µA
0µA ≤ IO ≤ 100mA(New Chip)
250
1000
ΔVOUT/ΔIOUT
Load
regulation(2)
0µA ≤ IOUT ≤ 100mA
5
mV
ΔVOUT/ΔVIN
Line regulation
VOUT + 1V ≤ VIN ≤ 5.5V
0.05
0.12
%/V
Vn
Output noise
voltage
(TPS7928)
(Legacy chip
only)
BW = 100Hz to
100kHz, IOUT =
100mA
CNR = 0.001µF
50
µVRMS
BW = 100Hz to
100kHz, IOUT =
100mA
CNR = 0.0047µF
33
BW = 100Hz to
100kHz, IOUT =
100mA
CNR = 0.01µF
31
BW = 100Hz to
100kHz, IOUT =
100mA
CNR = 0.1µF
27
Output noise
voltage
(TPS79230)
BW = 100Hz to
100kHz, IOUT =
100mA
(New Chip)
69
tSTR
Time, start-up
(TPS79230)
RL = 14 Ω,
COUT = 1µF
CNR = 0.001µF
50
µs
CNR = 0.0047µF
70
CNR = 0.01µF
90
(New Chip)
500
TPS792
SLVS337E – MARCH 2001 – REVISED JANUARY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com