Electronic Components Datasheet Search
  English  ▼

X  

TPS79225DBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS79225DBVT
Description  TPS792 Ultra-Low Noise, High-PSRR, Fast RF, 100mA, Low-Dropout Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79225DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS79225DBVT Datasheet HTML 3Page - Texas Instruments TPS79225DBVT Datasheet HTML 4Page - Texas Instruments TPS79225DBVT Datasheet HTML 5Page - Texas Instruments TPS79225DBVT Datasheet HTML 6Page - Texas Instruments TPS79225DBVT Datasheet HTML 7Page - Texas Instruments TPS79225DBVT Datasheet HTML 8Page - Texas Instruments TPS79225DBVT Datasheet HTML 9Page - Texas Instruments TPS79225DBVT Datasheet HTML 10Page - Texas Instruments TPS79225DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
5.6 Typical Characteristics
2.796
2.797
2.799
2.8
2.801
2.802
2.803
0
20
40
60
80
100
IO – Output Current – mA
TPS79228
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VI = 3.8 V
Co = 10 µF
TJ = 25° C
Legacy chip
Figure 5-1. TPS792 Output Voltage vs Output Current
New chip
Figure 5-2. TPS792 Output Voltage vs Output Current
2.76
2.77
2.78
2.79
2.8
2.81
2.82
–40 –25 –10 5
20
35
50 65
80 95 110 125
TJ – Junction Temperature – °C
TPS79228
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
IO = 100 mA
IO = 1 mA
VI = 3.8 V
Co = 10 µF
Legacy chip
Figure 5-3. TPS792 Output Voltage vs Junction Temperature
Te mperature (oC)
-40
-20
0
20
40
60
80
100
120
140
2.808
2.81
2.812
2.814
2.816
2.818
2.82
2.822
IOUT = 1mA
IOUT = 100mA
New chip
Figure 5-4. TPS792 Output Voltage vs Junction Temperature
100
120
140
160
180
200
220
240
260
–40 –25 –10 5
20 35
50 65
80
95 110 125
TJ – Junction Temperature – °C
TPS79228
GROUND CURRENT
vs
JUNCTION TEMPERATURE
IO = 1 mA
VI = 3.8 V
Co = 10 µF
IO = 100 mA
Legacy chip
Figure 5-5. TPS792 Ground Current vs Junction Temperature
Output Current (mA)
0
200
400
600
800
1000
0
40
80
20
60
100
-40
C
0
C
25
C
85
C
125
C
New chip
Figure 5-6. TPS792 Ground Current vs IOUT
www.ti.com
TPS792
SLVS337E – MARCH 2001 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com