Electronic Components Datasheet Search
  English  ▼

X  

TPS79225DBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS79225DBVT
Description  TPS792 Ultra-Low Noise, High-PSRR, Fast RF, 100mA, Low-Dropout Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79225DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS79225DBVT Datasheet HTML 2Page - Texas Instruments TPS79225DBVT Datasheet HTML 3Page - Texas Instruments TPS79225DBVT Datasheet HTML 4Page - Texas Instruments TPS79225DBVT Datasheet HTML 5Page - Texas Instruments TPS79225DBVT Datasheet HTML 6Page - Texas Instruments TPS79225DBVT Datasheet HTML 7Page - Texas Instruments TPS79225DBVT Datasheet HTML 8Page - Texas Instruments TPS79225DBVT Datasheet HTML 9Page - Texas Instruments TPS79225DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
5.5 Electrical Characteristics (continued)
over recommended operating temperature range, TJ = –40°C to +125°C VEN = VIN, VIN = VO(typ) + 1V, IOUT = 1 mA, COUT =
10 µF, CNR = 0.01 µF (Legacy Chip) (unless otherwise noted). All typical values at TJ= 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDO (3)
Dropout voltage
(TPS79228)
VIN= VOUT - 0.1V, IOUT =
100mA (Legacy Chip only)
60
110
mV
Dropout voltage
(TPS79230)
VIN= VOUT - 0.1V, IOUT = 100mA
55
100
VUVLO
UVLO threshold
VIN rising (Legacy Chip)
2.25
2.65
V
VIN rising (New Chip)
1.32
1.6
VUVLO(HYST)
UVLO
hysteresis
TJ = 25°C, VCC rising (Legacy
Chip)
100
mV
TJ = 25°C, VCC rising (New Chip)
130
(1)
The minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. The maximum IN voltage is 5.5 V. The maximum
output current is 100 mA.
(2)
If VOUT ≤ 2.5V then VIN(min) = 2.7V, VIN(max) = 5.5V: Line regulation(mV) = (%/V) * VOUT (VIN(max) - 2.7V) / 100 *100
(3)
IN voltage equals VOUT(nom) – 100 mV; The TPS79225 dropout voltage is limited by the input voltage range limitations.
TPS792
SLVS337E – MARCH 2001 – REVISED JANUARY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com