Electronic Components Datasheet Search
  English  ▼

X  

LPC408X Datasheet(PDF) 34 Page - NXP Semiconductors

Part # LPC408X
Description  32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC408X Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button LPC408X Datasheet HTML 30Page - NXP Semiconductors LPC408X Datasheet HTML 31Page - NXP Semiconductors LPC408X Datasheet HTML 32Page - NXP Semiconductors LPC408X Datasheet HTML 33Page - NXP Semiconductors LPC408X Datasheet HTML 34Page - NXP Semiconductors LPC408X Datasheet HTML 35Page - NXP Semiconductors LPC408X Datasheet HTML 36Page - NXP Semiconductors LPC408X Datasheet HTML 37Page - NXP Semiconductors LPC408X Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 140 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
P2[7]
136
G16
G11
95
66
51
D9
[3]
I; PU
I/O
P2[7] — General purpose digital input/output pin.
I
CAN_RD2 — CAN2 receiver input.
O
U1_RTS — Request to Send output for UART1. Can also
be configured to be an RS-485/EIA-485 output enable
signal for UART1.
-
R — Function reserved.
-
R — Function reserved.
O
SPIFI_CS — Chip select output for SPIFI.
O
LCD_VD[1] — LCD data.
O
LCD_VD[5] — LCD data.
P2[8]
134
H15
G14
93
65
50
E9
[3]
I; PU
I/O
P2[8] — General purpose digital input/output pin.
O
CAN_TD2 — CAN2 transmitter output.
O
U2_TXD — Transmitter output for UART2.
I
U1_CTS — Clear to Send input for UART1.
O
ENET_MDC — Ethernet MIIM clock.
-
R — Function reserved.
O
LCD_VD[2] — LCD data.
O
LCD_VD[6] — LCD data.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, comparator pins) and Table 5 (EMC pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com