Electronic Components Datasheet Search
  English  ▼

X  

LPC408X Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC408X
Description  32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC408X Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC408X Datasheet HTML 9Page - NXP Semiconductors LPC408X Datasheet HTML 10Page - NXP Semiconductors LPC408X Datasheet HTML 11Page - NXP Semiconductors LPC408X Datasheet HTML 12Page - NXP Semiconductors LPC408X Datasheet HTML 13Page - NXP Semiconductors LPC408X Datasheet HTML 14Page - NXP Semiconductors LPC408X Datasheet HTML 15Page - NXP Semiconductors LPC408X Datasheet HTML 16Page - NXP Semiconductors LPC408X Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 140 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
P0[6]
164
D13
D11
113
79
64
A7
[3]
I; PU
I/O
P0[6] — General purpose digital input/output pin.
I/O
I2S_RX_SDA — I2S Receive data. It is driven by the
transmitter and read by the receiver. Corresponds to the
signal SD in the I2S-bus specification.
I/O
SSP1_SSEL — Slave Select for SSP1.
O
T2_MAT0 — Match output for Timer 2, channel 0.
O
U1_RTS — Request to Send output for UART1. Can also
be configured to be an RS-485/EIA-485 output enable
signal for UART1.
I/O
CMP_ROSC — Comparator relaxation oscillator for 555
timer applications.
-
R — Function reserved.
O
LCD_VD[8] — LCD data.
P0[7]
162
C13
B12
112
78
63
A8
[4]
I; IA
I/O
P0[7] — General purpose digital input/output pin.
I/O
I2S_TX_SCK — I2S transmit clock. It is driven by the
master and received by the slave. Corresponds to the
signal SCK in the I2S-bus specification.
I/O
SSP1_SCK — Serial Clock for SSP1.
O
T2_MAT1 — Match output for Timer 2, channel 1.
I
RTC_EV0 — Event input 0 to Event Monitor/Recorder.
I
CMP_VREF — Comparator reference voltage.
-
R — Function reserved.
O
LCD_VD[9] — LCD data.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, comparator pins) and Table 5 (EMC pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com