Electronic Components Datasheet Search
  English  ▼

X  

LPC408X Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC408X
Description  32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC408X Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC408X Datasheet HTML 35Page - NXP Semiconductors LPC408X Datasheet HTML 36Page - NXP Semiconductors LPC408X Datasheet HTML 37Page - NXP Semiconductors LPC408X Datasheet HTML 38Page - NXP Semiconductors LPC408X Datasheet HTML 39Page - NXP Semiconductors LPC408X Datasheet HTML 40Page - NXP Semiconductors LPC408X Datasheet HTML 41Page - NXP Semiconductors LPC408X Datasheet HTML 42Page - NXP Semiconductors LPC408X Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 140 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
P2[31]
39
N2
--
---
[3]
I; PU
I/O
P2[31] — General purpose digital input/output pin.
O
EMC_DQM3 — Data mask 3 used with SDRAM and static
devices.
I/O
I2C2_SCL — I2C2 clock input/output (this pin does not
use a specialized I2C pad).
O
T3_MAT3 — Match output for Timer 3, channel 3.
P3[0] to P3[31]
I/O
Port 3: Port 3 is a 32-bit I/O port with individual direction
controls for each bit. The operation of port 3 pins depends
upon the pin function selected via the pin connect block.
P3[0]
197
B4
D6
137
-
-
-
[3]
I; PU
I/O
P3[0] — General purpose digital input/output pin.
I/O
EMC_D[0] — External memory data line 0.
P3[1]
201
B3
E6
140
-
-
-
[3]
I; PU
I/O
P3[1] — General purpose digital input/output pin.
I/O
EMC_D[1] — External memory data line 1.
P3[2]
207
B1
A2
144
-
-
-
[3]
I; PU
I/O
P3[2] — General purpose digital input/output pin.
I/O
EMC_D[2] — External memory data line 2.
P3[3]
3
E4
G5
2
-
-
-
[3]
I; PU
I/O
P3[3] — General purpose digital input/output pin.
I/O
EMC_D[3] — External memory data line 3.
P3[4]
13
F2
D3
9
---
[3]
I; PU
I/O
P3[4] — General purpose digital input/output pin.
I/O
EMC_D[4] — External memory data line 4.
P3[5]
17G1
E3
12-
-
-
[3]
I; PU
I/O
P3[5] — General purpose digital input/output pin.
I/O
EMC_D[5] — External memory data line 5.
P3[6]
23J1
F4
16-
-
-
[3]
I; PU
I/O
P3[6] — General purpose digital input/output pin.
I/O
EMC_D[6] — External memory data line 6.
P3[7]
27L1
G3
19-
-
-
[3]
I; PU
I/O
P3[7] — General purpose digital input/output pin.
I/O
EMC_D[7] — External memory data line 7.
P3[8]
191
D8
A6
-
-
-
-
[3]
I; PU
I/O
P3[8] — General purpose digital input/output pin.
I/O
EMC_D[8] — External memory data line 8.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, comparator pins) and Table 5 (EMC pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com