Electronic Components Datasheet Search
  English  ▼

X  

TPS923612LSDRVR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS923612LSDRVR
Description  TPS923610/1/2 30V Synchronous Boost LED Driver with Ultra-low Shutdown Current and 0.1%-ratio PWM Controlled Analog Dimming
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS923612LSDRVR Datasheet(HTML) 2 Page - Texas Instruments

  TPS923612LSDRVR Datasheet HTML 1Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 2Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 3Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 4Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 5Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 6Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 7Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 8Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................3
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................5
6.6 Typical Characteristics................................................ 7
7 Detailed Description......................................................10
7.1 Overview................................................................... 10
7.2 Functional Block Diagram......................................... 10
7.3 Feature Description...................................................11
7.4 Device Functional Modes..........................................14
8 Application and Implementation.................................. 15
8.1 Application Information............................................. 15
8.2 Typical Application.................................................... 15
8.3 Power Supply Recommendations.............................17
8.4 Application Curves.................................................... 18
8.5 Layout....................................................................... 19
9 Device and Documentation Support............................21
9.1 Device Support......................................................... 21
9.2 Receiving Notification of Documentation Updates....21
9.3 Support Resources................................................... 21
9.4 Trademarks...............................................................21
9.5 Electrostatic Discharge Caution................................21
9.6 Glossary....................................................................21
10 Revision History.......................................................... 21
11 Mechanical, Packaging, and Orderable
Information.................................................................... 21
TPS923610, TPS923611, TPS923612
SNVSCN8A – SEPTEMBER 2025 – REVISED OCTOBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS923610 TPS923611 TPS923612



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com