Electronic Components Datasheet Search
  English  ▼

X  

TPS923612LSDRVR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS923612LSDRVR
Description  TPS923610/1/2 30V Synchronous Boost LED Driver with Ultra-low Shutdown Current and 0.1%-ratio PWM Controlled Analog Dimming
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS923612LSDRVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS923612LSDRVR Datasheet HTML 1Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 2Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 3Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 4Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 5Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 6Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 7Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 8Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Voltage range at terminals (2)
VIN
–0.3
6
V
SW
–1
32
V
SW (transient <10ns)
–1
38
V
VOUT
–0.3
32
V
FB, PWM
–0.3
5.5
V
TJ (3)
Operating junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to network ground terminal.
(3)
High junction temperatures degrade operating lifetime. Operating lifetime is de-rated for junction temperatures greater than 125°C.
6.2 ESD Ratings
VALUE
UNIT
V(ESD) (1)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(2)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(3)
±500
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges
into the device.
(2)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500V HBM allows
safe manufacturing with a standard ESD control process. Manufacturing with less than 500V HBM is possible with the necessary
precautions.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250V CDM allows
safe manufacturing with a standard ESD control process. Manufacturing with less than 250V CDM is possible with the necessary
precautions.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
2.5
5.5
V
VOUT
Output voltage (TPS923610)
5
24.5
V
Output voltage (TPS923611/2)
5
30
V
CIN
Input capacitance, effective value
1
µF
COUT
Output capacitance, effective value
1
µF
TJ
Operating junction temperature
–40
125
°C
TPS923610, TPS923611, TPS923612
SNVSCN8A – SEPTEMBER 2025 – REVISED OCTOBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS923610 TPS923611 TPS923612



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com