Electronic Components Datasheet Search
  English  ▼

X  

TPS923612LSDRVR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS923612LSDRVR
Description  TPS923610/1/2 30V Synchronous Boost LED Driver with Ultra-low Shutdown Current and 0.1%-ratio PWM Controlled Analog Dimming
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS923612LSDRVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS923612LSDRVR Datasheet HTML 9Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 10Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 11Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 12Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 13Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 14Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 15Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 16Page - Texas Instruments TPS923612LSDRVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
7.3.8 Output Current PWM Controlled Analog Dimming
The TPS923610/1/2 implements PWM controlled analog dimming to adjust the brightness of LED strings during
operation. Pulse width modulation (PWM) signal can be applied at ADIM pin to control the total output current as
an analog value. When the voltage of the ADIM pin is constantly high, the voltage of the FB pin is regulated to
the full value, 200mV typically. When the signal applied to the ADIM pin is PWM, the regulation voltage at the FB
pin is reduced to the full value multiplied by PWM duty cycle, and as a result, the total output current is reduced,
too. The TPS923610/1/2 supports such dimming method with dimming ratio down to 0.1%.
The relationship between the PWM duty cycle and FB regulation voltage is given by:
VFB=Duty×200mV
(2)
where
• Duty = Duty cycle of the input PWM signal
• 200mV = The full value of internal reference voltage
In this way, the user can easily control the LED strings brightness by controlling the duty cycle of the input PWM
signal.
As shown in Figure 7-1, the TPS923610/1/2 chops up the internal 200mV reference voltage at the duty cycle
of the PWM signal. The pulse signal is then filtered by an internal low-pass filter. The output of the filter is
connected to the GM amplifier as the reference voltage for the FB pin regulation. Therefore, although a PWM
signal is used for brightness dimming, only the LED DC current is modulated, which is often referred as analog
dimming. This mechanism eliminates the audible noise which often occurs when the LED current is pulsed in
replica of the frequency and duty cycle of PWM control. Unlike other methods which filter the PWM signal for
analog dimming, TPS923610/1/2 regulation voltage is independent of the PWM logic voltage level which often
has large variations.
For optimum performance, use the PWM dimming frequency in the range of 10kHz to 200kHz. If the PWM
frequency is lower than 10kHz, it is out of the low pass filter's filter range, the FB regulation voltage ripple
becomes large, causing large output ripple and may generate audible noise.
ADIM
+
-
GM
FB
HYS
COMP
200mV
EA Output
VADIM_H
VADIM_L
Figure 7-1. FB Voltage Adjusted by PWM Controlled Analog Dimming
7.3.9 Thermal Shutdown
The TPS923610/1/2 implements thermal shutdown protection to prevent damages due to excessive heat and
power dissipation. The thermal shutdown happens when the device junction temperature reaches TTSD_R. When
the thermal shutdown is triggered, the TPS923610/1/2 stops switching until the junction temperature falls below
TTSD_F, then the device starts switching again.
www.ti.com
TPS923610, TPS923611, TPS923612
SNVSCN8A – SEPTEMBER 2025 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS923610 TPS923611 TPS923612



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com