| Electronic Components Datasheet Search |
|
TS5V330CPWR.B Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TS5V330CPWR.B Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 22 page ![]() TS5V330C www.ti.com SCDS276B – APRIL 2009 – REVISED DECEMBER 2009 PARAMETER DEFINITIONS PARAMETER DESCRIPTION rON Resistance between the D and S ports with the switch in the ON-state IOZ Output leakage current measured at the D and S ports with the switch in the OFF-state IOS Short circuit current measured at the I/O pins. VIN Voltage at the IN pin VEN Voltage at the EN pin CIN Capacitance at the control inputs (EN, IN) COFF Capacitance at the analog I/O port when the switch is OFF CON Capacitance at the analog I/O port when the switch is ON VIH Minimum input voltage for logic high for the control inputs (EN, IN) VIL Minimum input voltage for logic low for the control inputs (EN, IN) VH Hysteresis voltage at the control inputs (EN, IN) VIK I/O and control inputs diode clamp voltage (EN, IN) VI Voltage applied to the D or S pins when D or S is the switch input. VO Voltage applied to the D or S pins when D or S is the switch output. IIH Input high leakage current of the control inputs (EN, IN) IIL Input low leakage current of the control inputs (EN, IN) II Current into the D or S pins when D or S is the switch input. IO Current into the D or S pins when D or S is the switch output. Ioff Output leakage current measured at the D and S ports with VCC = 0 Propagation delay measured between 50% of the digital input to 90% of the analog output when switch is turned tON ON. Propagation delay measured between 50% of the digital input to 90% of the analog output when switch is turned tOFF OFF. BW Frequency response of the switch in the ON-state measured at –3 dB Unwanted signal coupled from channel to channel. Measured in –dB. XTALK = 20 LOG VOUT/VIN. This is a XTALK non-adjacent crosstalk. OIRR Off-isolation is the resistance (measured in –dB) between the input and output with the switch OFF. Magnitude variation between analog input and output pins when the switch is ON and the DC offset of composite DG video signal varies at the analog input pin. In NTSC standard the frequency of the video signal is 3.58 MHz and DC offset is from 0 to 0.714 V. Phase variation between analog input and output pins when the switch is ON and the DC offset of composite DP video signal varies at the analog input pin. In NTSC standard the frequency of the video signal is 3.58 MHz and DC offset is from 0 to 0.714 V. ICC Static power supply current ICCD Variation of ICC for a change in frequency in the control inputs (EN, IN) This is the increase in supply current for each control input that is at the specified voltage level, rather than VCC or ΔICC GND. Copyright © 2009, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): TS5V330C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |