Electronic Components Datasheet Search
  English  ▼

X  

TS5V330CPWR.B Datasheet(PDF) 7 Page - Texas Instruments

Part # TS5V330CPWR.B
Description  QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5V330CPWR.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS5V330CPWR.B Datasheet HTML 3Page - Texas Instruments TS5V330CPWR.B Datasheet HTML 4Page - Texas Instruments TS5V330CPWR.B Datasheet HTML 5Page - Texas Instruments TS5V330CPWR.B Datasheet HTML 6Page - Texas Instruments TS5V330CPWR.B Datasheet HTML 7Page - Texas Instruments TS5V330CPWR.B Datasheet HTML 8Page - Texas Instruments TS5V330CPWR.B Datasheet HTML 9Page - Texas Instruments TS5V330CPWR.B Datasheet HTML 10Page - Texas Instruments TS5V330CPWR.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
-0.40
0.00
0.0
1.0
V
(V)
BIAS
-0.455
-0.405
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-0.450
-0.445
-0.440
-0.435
-0.430
-0.425
-0.420
-0.415
-0.410
Differential phase at 0.714 V, 0.427°
Differential gain at 0.714 V, 0.24%
-8
-7
-6
-5
-4
-3
-2
-1
0
1
10
100
1000
Frequency (MHz)
-70
-60
-50
-40
-30
-20
-10
0
Phase at = –3 dB, –35°
Gain at -3 dB , 288 MHz
-90
0
Frequency (MHz)
0
160
-80
-70
-60
-50
-40
-30
-20
-10
20
40
60
80
100
120
140
Off Isolation at 10 M z, –54.66 dB
Phase at 10 MHz, 94.7°
H
1
10
100
1000
Frequency (MHz)
-90
0
0
250
-80
-70
-60
-50
-40
-30
-20
-10
50
100
150
200
Phase at 10 MHz, –92.25°
–46.99 dB
Crosstalk at -10 MHz,
Frequency (MHz)
1
10
100
1000
Frequency (MHz)
TS5V330C
www.ti.com
SCDS276B – APRIL 2009 – REVISED DECEMBER 2009
TYPICAL PERFORMANCE
Figure 1. Frequency Response
Figure 2. Differential Gain/Phase vs VBIAS
Figure 3. OFF-Isolation vs Frequency
Figure 4. Crosstalk vs Frequency
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS5V330C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com