| Electronic Components Datasheet Search |
|
TS5V330CPWR.B Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TS5V330CPWR.B Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 22 page ![]() TS5V330C SCDS276B – APRIL 2009 – REVISED DECEMBER 2009 www.ti.com ELECTRICAL CHARACTERISTICS (1) over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(2) MAX UNIT VIK EN, IN VCC = 4.5 V, IIN = –18 mA –1.8 V VH EN, IN 400 mV IIH EN, IN VCC = 5.5 V, VIN and VEN = VCC ±1 μA IIL EN, IN VCC = 5.5 V, VIN and VEN = GND ±1 μA VO = 0 to 5.5 V, IOZ (3) VCC = 5.5 V, Switch OFF ±10 μA VI = 0, VO = 0 to 5.5 V, IOS VCC = 5.5 V, Switch ON ±110 mA VI = 0, Ioff VCC = 0, VO = 0 to 5.5 V, VI = 0 ±1 μA ICC VCC = 5.5 V, II/O = 0, Switch ON or OFF 3 μA ΔICC EN, IN VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 2.5 mA VCC = 5.5 V, mA/ ICCD D and S ports are open, VIN switching 50% duty cycle 0.25 VEN = GND, MHz Cin EN, IN VIN or VEN = 0 f = 1 MHz 3.5 pF D port Switch OFF, 8.5 COFF VI/O = 3 V or 0, VIN = VCC or GND pF S port Switch ON, 5.5 CON VI = 0, f = 1 MHz, outputs open, Switch ON 16.5 pF VI = 1 V, IO = 13 mA, RL = 75 Ω 3 7 rON (4) VCC = 4.5 V Ω VI = 2 V, IO = 26 mA, RL = 75 Ω 3 10 (1) VI , VO, II, and IO refer to the I/O pins. (2) All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C. (3) For I/O ports, the parameter IOZ includes the input leakage current. (4) Measured by the voltage drop between the D and S terminals at the indicated current through the switch. ON-state resistance is determined by the lower of the voltages of the two (S or D) terminals. SWITCHING CHARACTERISTICS over recommended operating free-air temperature range, VCC = 5 V ±10%, RL = 75 Ω, CL = 20 pF (unless otherwise noted) (see Figure 5) FROM TO PARAMETER MIN TYP MAX UNIT (INPUT) (OUTPUT) tON S D 1.5 6.0 ns tOFF S D 1.5 5.9 ns DYNAMIC CHARACTERISTICS over recommended operating free-air temperature range, VCC = 5 V ±10% (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT DG RL = 150 Ω, f = 3.58 MHz, see Figure 6 0.24 % DP RL = 150 Ω, f = 3.58 MHz, see Figure 6 0.039 ° BW RL = 150 Ω, see Figure 7 250 MHz XTALK RIN = 10 Ω, RL = 150 Ω, f = 10 MHz, see Figure 7 –87 dB OIRR RL = 150 Ω, f = 10 MHz, see Figure 7 –54 dB (1) All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C. 6 Submit Documentation Feedback Copyright © 2009, Texas Instruments Incorporated Product Folder Link(s): TS5V330C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |