Electronic Components Datasheet Search
  English  ▼

X  

TSV911 Datasheet(PDF) 21 Page - Texas Instruments

Part # TSV911
Description  TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSV911 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSV911 Datasheet HTML 17Page - Texas Instruments TSV911 Datasheet HTML 18Page - Texas Instruments TSV911 Datasheet HTML 19Page - Texas Instruments TSV911 Datasheet HTML 20Page - Texas Instruments TSV911 Datasheet HTML 21Page - Texas Instruments TSV911 Datasheet HTML 22Page - Texas Instruments TSV911 Datasheet HTML 23Page - Texas Instruments TSV911 Datasheet HTML 24Page - Texas Instruments TSV911 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
I
LOAD (A)
C219
F
G
R
Gain
1
R
_
_
_
_
OUT
MAX
OUT
MIN
IN
MAX
IN
MIN
V
V
Gain
V
V
_
_
SHUNT
MAX
SHUNT
LOAD
MAX
V
100mV
R
100m
I
1A
:
OUT
LOAD
SHUNT
V
I
R
Gain
u
u
21
TSV911, TSV912, TSV914
www.ti.com
SBOS878D – JULY 2017 – REVISED OCTOBER 2019
Product Folder Links: TSV911 TSV912 TSV914
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Application (continued)
9.2.2 Detailed Design Procedure
The transfer function of the circuit in Figure 35 is shown in Equation 1.
(1)
The load current (ILOAD) produces a voltage drop across the shunt resistor (RSHUNT). The load current is set from
0 A to 1 A. To keep the shunt voltage below 100 mV at maximum load current, the largest shunt resistor is
defined using Equation 2.
(2)
Using Equation 2, RSHUNT is 100 mΩ. The voltage drop produced by ILOAD and RSHUNT is amplified by the TSV91x
to produce an output voltage of approximately 0 V to 4.95 V. The gain required by the TSV91x to produce the
necessary output voltage is calculated using Equation 3:
(3)
Using Equation 3, the required gain is calculated to be 49.5 V/V, which is set with resistors RF and RG.
Equation 4 is used to size the resistors, RF and RG, to set the gain of the TSV91x to 49.5 V/V.
(4)
Selecting RF as 165 kΩ and RG as 3.4 kΩ provides a combination that equals roughly 49.5 V/V. Figure 36 shows
the measured transfer function of the circuit shown in Figure 35.
9.2.3 Application Curve
Figure 36. Low-Side, Current-Sense, Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com