Electronic Components Datasheet Search
  English  ▼

X  

TSV911 Datasheet(PDF) 12 Page - Texas Instruments

Part # TSV911
Description  TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSV911 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TSV911 Datasheet HTML 8Page - Texas Instruments TSV911 Datasheet HTML 9Page - Texas Instruments TSV911 Datasheet HTML 10Page - Texas Instruments TSV911 Datasheet HTML 11Page - Texas Instruments TSV911 Datasheet HTML 12Page - Texas Instruments TSV911 Datasheet HTML 13Page - Texas Instruments TSV911 Datasheet HTML 14Page - Texas Instruments TSV911 Datasheet HTML 15Page - Texas Instruments TSV911 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
Frequency (Hz)
-20
0
0
30
20
60
40
90
60
120
80
150
100
180
120
210
100
1k
10k
100k
1M
10M
C006
Gain
Phase
±1000
±500
0
500
1000
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltage (V)
C004
±500
±400
±300
±200
±100
0
100
200
300
400
500
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C003
±2500
±2000
±1500
±1000
±500
0
500
1000
1500
2000
2500
-4
-3
-2
-1
0
1
2
3
4
Input Common Mode Voltage (V)
C005
0
5
10
15
20
25
30
35
Offset Voltage (µV)
C001
0
10
20
30
40
50
Offset Voltage Drift (µV/C)
C002
12
TSV911, TSV912, TSV914
SBOS878D – JULY 2017 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: TSV911 TSV912 TSV914
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
7.8 Typical Characteristics
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
Figure 1. Offset Voltage Production Distribution
TA = –40°C to 125°C
Figure 2. Offset Voltage Drift Distribution
Figure 3. Offset Voltage vs Temperature
V+ = 2.75 V, V– = –2.75 V
Figure 4. Offset Voltage vs Common-Mode Voltage
VS = 2.5 V to 5.5 V
Figure 5. Offset Voltage vs Power Supply
CL = 10 pF
Figure 6. Open-Loop Gain and Phase vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com