Electronic Components Datasheet Search
  English  ▼

X  

TSD36 Datasheet(PDF) 5 Page - Texas Instruments

Part # TSD36
Description  TSDxx Unidirectional TVS Diodes in SOD-323
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSD36 Datasheet(HTML) 5 Page - Texas Instruments

  TSD36 Datasheet HTML 1Page - Texas Instruments TSD36 Datasheet HTML 2Page - Texas Instruments TSD36 Datasheet HTML 3Page - Texas Instruments TSD36 Datasheet HTML 4Page - Texas Instruments TSD36 Datasheet HTML 5Page - Texas Instruments TSD36 Datasheet HTML 6Page - Texas Instruments TSD36 Datasheet HTML 7Page - Texas Instruments TSD36 Datasheet HTML 8Page - Texas Instruments TSD36 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5.5 Thermal Information
THERMAL METRIC (1)
TSD03
TSD05
TSD12 / TSD15 / TSD18 /
TSD24 / TSD36
UNIT
DYF (SOD-323) DYF (SOD-323)
DYF (SOD-323)
2 PINS
2 PINS
2 PINS
RθJA
Junction-to-ambient thermal resistance
739.2
672.0
693.9
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
287.7
230.5
254.7
°C/W
RθJB
Junction-to-board thermal resistance
605.5
541.4
566.6
°C/W
ΨJT
Junction-to-top characterization parameter
118.4
64.4
78.6
°C/W
ΨJB
Junction-to-board characterization parameter
591.1
527.5
552.3
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.6 Electrical Characteristics - TSD03
At TA = 25°C unless otherwise noted (1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off
voltage
IIO < 50nA, across operating temperature range
3.6
V
VBR
Breakdown voltage
IIO = 1mA, IO to GND
4.5
V
ILEAK
Reverse leakage
current
VIO = 3.6V, IO to GND
5
50
nA
VFWD
Forward voltage
IIO = 1mA, GND to IO
0.8
V
VCLAMP
Surge clamping voltage,
tp = 8/20µs (2)
IPP = 12A, IO to GND
6.3
V
IPP = 25A, IO to GND
7.7
V
IPP = 12A, GND to IO
3
V
IPP = 25A, GND to IO
4.9
V
TLP clamping voltage,
tp = 100ns
IPP = 16A, IO to GND
6.5
V
IPP = 16A, GND to IO
3.4
V
CL
Line capacitance
VIO = 0V, Vp-p = 30mV, f = 1MHz, IO to GND
4.5
pF
(1)
Typical parameters are measured at 25°C
(2)
Nonrepetitive current pulse 8 to 20μs exponentially decaying waveform according to IEC 61000-4-5
www.ti.com
TSD03, TSD05, TSD12, TSD15, TSD18, TSD24, TSD36
SLVSH43C – JULY 2023 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TSD03 TSD05 TSD12 TSD15 TSD18 TSD24 TSD36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com