Electronic Components Datasheet Search
  English  ▼

X  

TSD36 Datasheet(PDF) 8 Page - Texas Instruments

Part # TSD36
Description  TSDxx Unidirectional TVS Diodes in SOD-323
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSD36 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSD36 Datasheet HTML 4Page - Texas Instruments TSD36 Datasheet HTML 5Page - Texas Instruments TSD36 Datasheet HTML 6Page - Texas Instruments TSD36 Datasheet HTML 7Page - Texas Instruments TSD36 Datasheet HTML 8Page - Texas Instruments TSD36 Datasheet HTML 9Page - Texas Instruments TSD36 Datasheet HTML 10Page - Texas Instruments TSD36 Datasheet HTML 11Page - Texas Instruments TSD36 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
5.11 Electrical Characteristics - TSD24
At TA=25℃ (unless otherwise noted) (1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off
voltage
IIO <50nA, across operating temperature range
24
V
VBR
Breakdown voltage
IIO = 10mA, IO to GND
24.8
V
ILEAK
Reverse leakage
current
VIO = 24V, IO to GND
2
20
nA
VFWD
Forward voltage
IIO = 10mA, GND to IO
0.7
V
VCLAMP
Surge clamping voltage,
tp = 8/20µs (2)
IPP = 1A, IO to GND
32
V
IPP = 5A, IO to GND
36
V
IPP = 9A, IO to GND
39
V
IPP = 9A, GND to IO
4
V
TLP clamping
voltage, tp = 100ns
IPP = 16A, IO to GND
33
V
IPP =16A, GND to IO
3
V
CL
Line capacitance
VIO = 0V; ƒ = 1MHz, IO to GND
12
pF
(1)
Typical parameters are measured at 25°C
(2)
Nonrepetitive current pulse 8 to 20µs exponentially decaying waveform according to IEC 61000-4-5
5.12 Electrical Characteristics - TSD36
At TA=25℃ (unless otherwise noted) (1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off
voltage
IIO <50nA, across operating temperature range
36
V
VBR
Breakdown voltage
IIO = 10mA, IO to GND
37.1
V
ILEAK
Reverse leakage
current
VIO = 36V, IO to GND
2
20
nA
VFWD
Forward voltage
IIO = 10mA, GND to IO
0.7
V
VCLAMP
Surge clamping voltage,
tp = 8/20µs (2)
IPP = 1A, IO to GND
44
V
IPP = 5A, IO to GND
59
V
IPP = 7A, IO to GND
67
V
IPP = 7A, GND to IO
4
V
TLP clamping
voltage, tp = 100ns
IPP = 16A, IO to GND
53
V
IPP =16A, GND to IO
3
V
CL
Line capacitance
VIO = 0V; ƒ = 1MHz, IO to GND
12
pF
(1)
Typical parameters are measured at 25°C
(2)
Nonrepetitive current pulse 8 to 20µs exponentially decaying waveform according to IEC 61000-4-5
TSD03, TSD05, TSD12, TSD15, TSD18, TSD24, TSD36
SLVSH43C – JULY 2023 – REVISED MAY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TSD03 TSD05 TSD12 TSD15 TSD18 TSD24 TSD36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com