Electronic Components Datasheet Search
  English  ▼

X  

TUSB320 Datasheet(PDF) 22 Page - Texas Instruments

Part # TUSB320
Description  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB320 Datasheet HTML 18Page - Texas Instruments TUSB320 Datasheet HTML 19Page - Texas Instruments TUSB320 Datasheet HTML 20Page - Texas Instruments TUSB320 Datasheet HTML 21Page - Texas Instruments TUSB320 Datasheet HTML 22Page - Texas Instruments TUSB320 Datasheet HTML 23Page - Texas Instruments TUSB320 Datasheet HTML 24Page - Texas Instruments TUSB320 Datasheet HTML 25Page - Texas Instruments TUSB320 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
The INT_N/OUT3 pin is used to notify the PMIC when a change in the TUSB320 I2C registers occurs. This pin is
an open drain output and requires an external pullup resistor. The pin should be pulled up to VDD using a 200-kΩ
resistor.
The ID pin is used to indicate when a connection has occurred if the TUSB320 device is a DFP while configured
for DRP. An OTG USB controller can use this pin to determine when to operate as a USB host or USB device.
When this pin is driven low, the OTG USB controller functions as a host and then enables VBUS. The Type-C
standard requires that a DFP should not enable VBUS until it is in the Attached.SRC state. If the ID pin is not
low but VBUS is detected, then OTG USB controller functions as a device. The ID pin is open drain output and
requires an external pullup resistor. It should be pulled up to VDD using a 200-kΩ resistor.
The Type-C port mode is determined by the state of the PORT pin. When the PORT pin is not connected, the
TUSB320 device is in DRP mode. The Type-C port mode can also be controlled by the MODE_SELECT register
through the I2C interface when the TUSB320 device is in the unattached state.
The VBUS_DET pin must be connected through a 900-kΩ resistor to VBUS on the Type-C that is connected. This
large resistor is required to protect the TUSB320 device from large VBUS voltage that is possible in present day
systems. This resistor along with internal pulldown keeps the voltage observed by the TUSB320 device in the
recommended range.
The USB2 specification requires the bulk capacitance on VBUS based on UFP or DFP. When operating the
TUSB320 device in a DRP mode, it alternates between UFP and DFP. If the TUSB320 device connects as an
UFP, the large bulk capacitance must be removed. The FET in Figure 8-7 performs this task.
Table 8-2. USB2 Bulk Capacitance Requirements
PORT CONFIGURATION
MIN
MAX
UNIT
Downstream facing port (DFP)
120
µF
Upstream facing port (UFP)
1
10
µF
8.2.1.3 Application Curves
Figure 8-8. Application Curve for DRP in I2C Mode
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com