Electronic Components Datasheet Search
  English  ▼

X  

TUSB320HAI Datasheet(PDF) 28 Page - Texas Instruments

Part # TUSB320HAI
Description  TUSB320LAI, TUSB320HAI USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320HAI Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB320HAI Datasheet HTML 24Page - Texas Instruments TUSB320HAI Datasheet HTML 25Page - Texas Instruments TUSB320HAI Datasheet HTML 26Page - Texas Instruments TUSB320HAI Datasheet HTML 27Page - Texas Instruments TUSB320HAI Datasheet HTML 28Page - Texas Instruments TUSB320HAI Datasheet HTML 29Page - Texas Instruments TUSB320HAI Datasheet HTML 30Page - Texas Instruments TUSB320HAI Datasheet HTML 31Page - Texas Instruments TUSB320HAI Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
28
TUSB320LAI, TUSB320HAI
SLLSEQ8D – OCTOBER 2015 – REVISED MAY 2017
www.ti.com
Product Folder Links: TUSB320LAI TUSB320HAI
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.3 Initialization Setup
8.3.1 TUSB320LA Initialization Procedure
1. System is powered off (device has no VDD). The TUSB320LA device is configured internally in UFP mode
with Rds on CC pins (dead battery).
2. VDD ramps – POR circuit. VDD must ramp within 25 ms or less. IO pull-up power rail (i.e. pull up on ID, INT,
SCL, SDA, ADDR, PORT) must ramp with VDD or lag after VDD.
3. I2C supply ramps up.
4. The TUSB320LA device enters unattached mode and determines the voltage level from the PORT pin. This
determines the mode in which the TUSB320LA device operates (DFP, UFP, DRP).
5. The TUSB320LA device monitors the CC pins as a DFP and VBUS for attach as a UFP.
6. The TUSB320LA device enters active mode when attach has been successfully detected.
8.3.2 TUSB320HA Initialization Procedure
1. System is powered off (device has no VDD). The TUSB320HA device is configured internally in UFP mode
with Rds on CC pins (dead battery).
2. VDD ramps – POR circuit. VDD must ramp within 25 ms or less. IO pull-up power rail (i.e. pull up on ID, INT,
SCL, SDA, ADDR, PORT) must ramp with VDD or lag after VDD.
3. I2C supply ramps up.
4. The TUSB320HA device enters unattached mode and determines the voltage level from the PORT pin. This
determines the mode in which the TUSB320HA device operates (DFP, UFP, DRP).
5. The TUSB320HA device monitors the CC pins as a DFP and VBUS for attach as a UFP.
6. The TUSB320HA device enters active mode when attach has been successfully detected.
9 Power Supply Recommendations
The TUSB320 device has a wide power supply range from 2.7 to 5 V. The TUSB320 device can be run off of a
system power such as a battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com