Electronic Components Datasheet Search
  English  ▼

X  

TUSB320HAI Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB320HAI
Description  TUSB320LAI, TUSB320HAI USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320HAI Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB320HAI Datasheet HTML 4Page - Texas Instruments TUSB320HAI Datasheet HTML 5Page - Texas Instruments TUSB320HAI Datasheet HTML 6Page - Texas Instruments TUSB320HAI Datasheet HTML 7Page - Texas Instruments TUSB320HAI Datasheet HTML 8Page - Texas Instruments TUSB320HAI Datasheet HTML 9Page - Texas Instruments TUSB320HAI Datasheet HTML 10Page - Texas Instruments TUSB320HAI Datasheet HTML 11Page - Texas Instruments TUSB320HAI Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
900 K ±1%
CC1
CC2
SDA/OUT1
SCL/OUT2
ADDR
PORT
Connection and
cable detection
CSR
I2C
Digital Controller
3-State Buffer
EN_N
EN_N Logic
CTRL_EN
Open Drain
Output
VBUS Detection
SYS_VBUS
Copyright © 2016, Texas Instruments Incorporated
8
TUSB320LAI, TUSB320HAI
SLLSEQ8D – OCTOBER 2015 – REVISED MAY 2017
www.ti.com
Product Folder Links: TUSB320LAI TUSB320HAI
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The USB Type-C ecosystem operates around a small form factor connector and cable that is flippable and
reversible. Because of the nature of the connector, a scheme is required to determine the connector orientation.
Additional schemes are required to determine when a USB port is attached and what the acting role of the USB
port (DFP, UFP, DRP) is, as well as to communicate Type-C current capabilities. These schemes are
implemented over the CC pins according to the USB Type-C pecification. The TUSB320 devices provide
Configuration Channel (CC) logic for determining USB port attach and detach, role detection, cable orientation,
and Type-C current mode. The TUSB320 devices also contains several features such as mode configuration and
low standby current which make these devices ideal for source or sinks in USB2.0 applications.
Figure 2. Functional Block Diagram of TUSB320
7.1.1 Cables, Adapters, and Direct Connect Devices
Type-C specification defines several cables, plugs, and receptacles to be used to attach ports. The TUSB320
devices support all cables, receptacles, and plugs. The TUSB320 devices do not support any USB Type-C
feature which requires USB power delivery communication over CC lines like e-marking or alternate mode.
7.1.1.1 USB Type-C Receptacles and Plugs
Below is list of Type-C receptacles and plugs supported by the TUSB320 devices:
•
USB Type-C receptacle for USB2.0 platforms and devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com