Electronic Components Datasheet Search
  English  ▼

X  

TUSB320HAI Datasheet(PDF) 33 Page - Texas Instruments

Part # TUSB320HAI
Description  TUSB320LAI, TUSB320HAI USB Type-C Configuration Channel Logic and Port Control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320HAI Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB320HAI Datasheet HTML 29Page - Texas Instruments TUSB320HAI Datasheet HTML 30Page - Texas Instruments TUSB320HAI Datasheet HTML 31Page - Texas Instruments TUSB320HAI Datasheet HTML 32Page - Texas Instruments TUSB320HAI Datasheet HTML 33Page - Texas Instruments TUSB320HAI Datasheet HTML 34Page - Texas Instruments TUSB320HAI Datasheet HTML 35Page - Texas Instruments TUSB320HAI Datasheet HTML 36Page - Texas Instruments TUSB320HAI Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Jul-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TUSB320HAIRWBR
X2QFN
RWB
12
3000
180.0
8.4
1.8
1.8
0.48
4.0
8.0
Q2
TUSB320HAIRWBRG4
X2QFN
RWB
12
3000
180.0
8.4
1.8
1.8
0.48
4.0
8.0
Q2
TUSB320LAIRWBR
X2QFN
RWB
12
3000
180.0
8.4
1.8
1.8
0.48
4.0
8.0
Q2
TUSB320LAIRWBRG4
X2QFN
RWB
12
3000
180.0
8.4
1.8
1.8
0.48
4.0
8.0
Q2
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com