Electronic Components Datasheet Search
  English  ▼

X  

1752529 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1752529
Description  HC-DCC06-HHFD-1TGESM50-PLGY - Housing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752529 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1752529 Datasheet HTML 1Page - PHOENIX CONTACT 1752529 Datasheet HTML 2Page - PHOENIX CONTACT 1752529 Datasheet HTML 3Page - PHOENIX CONTACT 1752529 Datasheet HTML 4Page - PHOENIX CONTACT 1752529 Datasheet HTML 5Page - PHOENIX CONTACT 1752529 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Assembly note
Connectors may only be actuated when there is no load/voltage.
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP66
Ambient temperature (operation)
-40 °C ... 125 °C
HC-DCC06-HHFD-1TGESM50-PLGY - Housing
1752529
https://www.phoenixcontact.com/us/products/1752529
Dec 5, 2025, 12:20AM
Page 3 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com