Electronic Components Datasheet Search
  English  ▼

X  

1752529 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1752529
Description  HC-DCC06-HHFD-1TGESM50-PLGY - Housing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752529 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1752529 Datasheet HTML 1Page - PHOENIX CONTACT 1752529 Datasheet HTML 2Page - PHOENIX CONTACT 1752529 Datasheet HTML 3Page - PHOENIX CONTACT 1752529 Datasheet HTML 4Page - PHOENIX CONTACT 1752529 Datasheet HTML 5Page - PHOENIX CONTACT 1752529 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Notes
General
Connectors may be operated only when there is no load/voltage.
Product properties
Housing type
Sleeve housing
Series
HC-DCC
Application
Power supply in data centers
No. of cable outlets
1
Type of the screw connection
1x M50
Shielded
no
Cable outlet
straight
Pg screw connection
with
Dimensions
Dimensional drawing
Clamping range of the strain relief clip
21.00 mm ... 35.00 mm
Material specifications
Color
beige (RAL 7032)
Flammability rating according to UL 94
V0
Seal material
NBR
Housing material
PA 6
Mechanical properties
Mechanical data
Type of the screw connection
1x M50
Cable/line
External cable diameter
21 mm ... 35 mm
Connection data
External cable diameter
21 mm ... 35 mm
Tightening torque
15 Nm ... 20 Nm
Tightening torque contact carrier
1.2 Nm
Mounting
HC-DCC06-HHFD-1TGESM50-PLGY - Housing
1752529
https://www.phoenixcontact.com/us/products/1752529
Dec 5, 2025, 12:20AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com