Electronic Components Datasheet Search
  English  ▼

X  

1752529 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1752529
Description  HC-DCC06-HHFD-1TGESM50-PLGY - Housing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752529 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1752529 Datasheet HTML 1Page - PHOENIX CONTACT 1752529 Datasheet HTML 2Page - PHOENIX CONTACT 1752529 Datasheet HTML 3Page - PHOENIX CONTACT 1752529 Datasheet HTML 4Page - PHOENIX CONTACT 1752529 Datasheet HTML 5Page - PHOENIX CONTACT 1752529 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sleeve housing DCC06, for double locking latch, material: PA 6, cable outlets: 1, straight, 1x
M50, cable gland: with, Power supply in data centers, with extra-strong strain relief
Your advantages
Lower costs than metal version
•
Low weight
•
Commercial data
Item number
1752529
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF60
Product key
AF7APS
GTIN
4067923318069
Weight per piece (including packing)
206 g
Weight per piece (excluding packing)
192.4 g
Customs tariff number
85389099
Country of origin
PL
HC-DCC06-HHFD-1TGESM50-PLGY - Housing
1752529
https://www.phoenixcontact.com/us/products/1752529
Dec 5, 2025, 12:20AM
Page 1 (6)


Similar Part No. - 1752529

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
175252 FESTO-175252 Datasheet
91Kb / 1P
Pressure switch
7/13/22
logo
PHOENIX CONTACT
1752522 PHOENIX-1752522 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 7-G AU
More results

Similar Description - 1752529

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407643 PHOENIX-1407643 Datasheet
58Kb / 3P
Housing - HC-EVO-B16-HHFD-PLBK
1407657 PHOENIX-1407657 Datasheet
58Kb / 3P
Housing - HC-EVO-B24-HHFD-PLBK
1411451 PHOENIX-1411451 Datasheet
53Kb / 3P
Housing - HC-EVO-B10-HHFD-EL-AL
1373196 PHOENIX-1373196 Datasheet
221Kb / 5P
Housing - HC-STA-B24-HHFD-1STM40-EL/...
Jun 10, 2022
1373220 PHOENIX-1373220 Datasheet
221Kb / 5P
Housing - HC-STA-B24-HHFD-1TTP21-EL/...
Jun 7, 2022
1372778 PHOENIX-1372778 Datasheet
222Kb / 5P
Housing - HC-STA-B16-HHFD-1STM40-EL/...
Jun 22, 2022
1372781 PHOENIX-1372781 Datasheet
221Kb / 5P
Housing - HC-STA-B16-HHFD-1TTM32-EL/...
Jun 16, 2022
1372661 PHOENIX-1372661 Datasheet
220Kb / 5P
Housing - HC-STA-B10-HHFD-1TTM25-EL/...
Jun 27, 2022
1407629 PHOENIX-1407629 Datasheet
404Kb / 12P
Housing - HC-EVO-B10-HHFD-PLBK
Jul 29, 2022
1372656 PHOENIX-1372656 Datasheet
237Kb / 6P
Housing - HC-STA-B10-HHFD-1STM32-EL/...
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com