Electronic Components Datasheet Search
  English  ▼

X  

CC113L Datasheet(PDF) 40 Page - Texas Instruments

Part # CC113L
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113L Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC113L Datasheet HTML 36Page - Texas Instruments CC113L Datasheet HTML 37Page - Texas Instruments CC113L Datasheet HTML 38Page - Texas Instruments CC113L Datasheet HTML 39Page - Texas Instruments CC113L Datasheet HTML 40Page - Texas Instruments CC113L Datasheet HTML 41Page - Texas Instruments CC113L Datasheet HTML 42Page - Texas Instruments CC113L Datasheet HTML 43Page - Texas Instruments CC113L Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
Table 5-13. Frequency Synthesizer Calibration Times (26- and 27-MHz Crystal)
TEST0
FSCAL3.CHP_CURR_CAL_EN
FS Calibration Time
FS Calibration Time
fxosc = 26 MHz
fxosc = 27 MHz
0x09
00b
3764/fxosc = 145 µs
3764/fxosc = 139 µs
0x09
10b
18506/fxosc = 712 µs
18506/fxosc = 685 µs
0x0B
00b
4073/fxosc = 157 µs
4073/fxosc = 151 µs
0x0B
10b
18815/fxosc = 724 µs
18815/fxosc = 697 µs
40
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com