Electronic Components Datasheet Search
  English  ▼

X  

CC113L Datasheet(PDF) 42 Page - Texas Instruments

Part # CC113L
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113L Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC113L Datasheet HTML 38Page - Texas Instruments CC113L Datasheet HTML 39Page - Texas Instruments CC113L Datasheet HTML 40Page - Texas Instruments CC113L Datasheet HTML 41Page - Texas Instruments CC113L Datasheet HTML 42Page - Texas Instruments CC113L Datasheet HTML 43Page - Texas Instruments CC113L Datasheet HTML 44Page - Texas Instruments CC113L Datasheet HTML 45Page - Texas Instruments CC113L Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 87 page
background image
53 54 55
56
53
54
55
56
57
NUM_RXBYTES
GDO
56 bytes
Overflow
margin
RXFIFO
FIFO_THR=13
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
A signal will assert when the number of bytes in the RX FIFO is equal to or higher than the programmed
threshold. This signal can be viewed on the GDO pins (see Table 5-15).
Figure 5-14 shows the number of bytes in the RX FIFO when the threshold signal toggles in the case of
FIFO_THR=13. Figure 5-15 shows the signal on the GDO pin as the RX FIFO is filled above the
threshold, and then drained below in the case of FIFO_THR=13.
Figure 5-14. Example of RX FIFO at Threshold
Figure 5-15. Number of Bytes in RX FIFO vs. the GDO Signal (GDOx_CFG=0x00 and FIFO_THR=13)
42
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com