Electronic Components Datasheet Search
  English  ▼

X  

CC113L Datasheet(PDF) 71 Page - Texas Instruments

Part # CC113L
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113L Datasheet(HTML) 71 Page - Texas Instruments

Back Button CC113L Datasheet HTML 67Page - Texas Instruments CC113L Datasheet HTML 68Page - Texas Instruments CC113L Datasheet HTML 69Page - Texas Instruments CC113L Datasheet HTML 70Page - Texas Instruments CC113L Datasheet HTML 71Page - Texas Instruments CC113L Datasheet HTML 72Page - Texas Instruments CC113L Datasheet HTML 73Page - Texas Instruments CC113L Datasheet HTML 74Page - Texas Instruments CC113L Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
Antenna
(50 W)
1.8 V - 3.6 V
Power Supply
1 SCLK
2 SO
(GDO1)
3 GDO2
4 DVDD
5 DCOUPL
AVDD 15
AVDD 14
RF_N 13
RF_P 12
AVDD 11
XTAL
L123
L124
C123
C125
C126
R 171
C81
C101
C51
CSn
GDO0
(optional)
GDO2
(optional)
SO
(GDO1)
SCLK
SI
CC113L
DIE ATTACH PAD:
C131
C122
L122
L132
C124
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
Table 6-1. External Components (Low-Cost Application Circuit
Component
Value at 315 MHz
Value at 433 MHz
Value at 868/915 MHz
C124
220 pF
220 pF
100 pF
C122
6.8 pF
3.9 pF
2.2 pF
C126
220 pF
220 pF
100 pF
C131
6.8 pF
3.9 pF
2.2 pF
L122
33 nH
27 nH
12 nH
L132
33 nH
27 nH
12 nH
6.2.2
Balun and RF Matching (Characterization Circuit)
The components between the RF_N/RF_P pins and the point where the two signals are joined together
(C131, C122, L122, and L132 in Figure 6-2 and L121, L131, C121, L122, C131, C122, and L132 in
Figure 6-3) form a balun that converts single-ended RF signal at the antenna to a differential RF signal on
CC113L. C124 is needed for DC blocking.
The balun components also matches the CC113L input impedance to a 50-
Ω source. C126 provides DC
blocking and is only needed if there is a DC path in the antenna.
Note that the 315/433 MHz design SWRR046 uses Murata LQG15 multi-layer inductors while the 868/915
MHz design SWRR045 uses Murata LQW15 wire-wound inductors.
L123, L124, and C123 (plus C125 in Figure 6-2) form an LC low-pass filter. This filter is not required for an
RX-only design and can be omitted.
Figure 6-2. Characterization Circuit 315 and 433 MHz (Excluding Supply Decoupling Capacitors)
Copyright © 2011–2014, Texas Instruments Incorporated
Applications, Implementation, and Layout
71
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com