Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG.B Datasheet(PDF) 2 Page - Texas Instruments

Part # CC2564MODACMOG.B
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG.B Datasheet(HTML) 2 Page - Texas Instruments

  CC2564MODACMOG.B Datasheet HTML 1Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 2Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 3Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 4Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 5Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 6Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 7Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 8Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
2
CC2564MODN, CC2564MODA
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Device Overview
Copyright © 2014–2017, Texas Instruments Incorporated
1.2
Applications
•
Mobile Accessories
•
Sports and Fitness Applications
•
Wireless Audio Solutions
•
Set-Top Boxes and Remote Controls
•
Toys
•
Test and Measurement
•
Industrial: Cable Replacement
•
Wireless Sensors
•
Automotive Aftermarket
•
Wellness and Health
(1)
For more information on these devices, see Section 8.2.
1.3
Description
The CC2564MODx module from Texas Instruments™ is a complete Bluetooth® BR/EDR, and low energy
HCI solution that reduces design effort, cost, and time to market. The CC2564MODx module includes TI's
seventh-generation core and provides a versatile, product-proven solution that is Bluetooth 4.1-compliant.
The module is also certified for FCC, IC, and CE, requiring no prior RF experience to develop with this
device; and the device includes a royalty-free software stack compatible with several host MCUs and
MPUs. The CC2564MODx module provides best-in-class RF performance with transmit power and receive
sensitivity that provides twice the range and higher throughput than other Bluetooth-low-energy-only
solutions.
Furthermore, TI’s power-management hardware and software algorithms provide significant power savings
in all commonly used Bluetooth BR/EDR and low energy modes of operation.
The TI dual-mode Bluetooth stack software is certified and provided royalty free for TI's MSP430™ and
MSP432™ ARM® Cortex®-M3 and ARM® Cortex®-M4 MCUs, and Linux® based MPUs. Other processors
can be supported through TI's third party. The iPod® (MFi) protocol is supported by add-on software
packages. Multiple profiles and sample applications, including the following, are supported:
•
Serial port profile (SPP)
•
Advanced audio distribution profile (A2DP)
•
Audio/video remote control profile (AVRCP)
•
Hands-free profile (HFP)
•
Human interface device (HID)
•
Generic attribute profile (GATT)
•
Several Bluetooth low energy profiles and services
For more information, see TI Dual-Mode Bluetooth Stack.
In addition to software, the BOOST-CC2564MODA and CC2564MODxEM evaluation boards are available
for each variant. For more information on TI’s wireless platform solutions for Bluetooth, see TI's wireless-
connectivity/dual-mode-bluetooth page.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
CC2564MODNCMOET
MOE (33)
7.0 mm × 7.0 mm × 1.4 mm (Typical)
CC2564MODNCMOER
MOE (33)
7.0 mm × 7.0 mm × 1.4 mm (Typical)
CC2564MODACMOG
MOG (35)
7.0 mm × 14.0 mm × 1.4 mm (Typical)
space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com