Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG.B Datasheet(PDF) 21 Page - Texas Instruments

Part # CC2564MODACMOG.B
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2564MODACMOG.B Datasheet HTML 17Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 18Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 19Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 20Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 21Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 22Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 23Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 24Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Data
Control
Event
UART transport layer
RF
General
modules:
HCI vendor-
specific
Trace
Timers
Sleep
Host controller interface
HCI data handler
HCI command handler
Link manager
Link controller
SWRS121-016
Data
Data
Copyright © 2016, Texas Instruments Incorporated
21
CC2564MODN, CC2564MODA
www.ti.com
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Detailed Description
Copyright © 2014–2017, Texas Instruments Incorporated
5.6
Bluetooth Transport Layers
Figure 5-3 shows the Bluetooth transport layers.
Figure 5-3. Bluetooth Transport Layers
5.7
Host Controller Interface
The TI Bluetooth HCI module incorporates one UART module dedicated to the HCI transport layer. The
HCI interface transports commands, events, ACL between the device and the host using HCI data
packets.
The maximum baud rate of the UART module is 4 Mbps; however, the default baud rate after power up is
set to 115.2 kbps. The baud rate can thereafter be changed with a VS command. The device responds
with a command complete event (still at 115.2 kbps), after which the baud rate change occurs.
The UART module includes the following features:
•
Receiver detection of break, idle, framing, FIFO overflow, and parity error conditions
•
Transmitter underflow detection
•
CTS and RTS hardware flow control (UART Transport Layer)
•
XON and XOFF software flow control (3-wire UART Transport Layer)
Table 5-2 lists the UART module default settings.
Table 5-2. UART Module Default Settings
PARAMETER
VALUE
Bit rate
115.2 kbps
Data length
8 bits
Stop bit
1
Parity
None
5.7.1
UART Transport Layer
The UART Transport Layer includes four signals:
•
TX
•
RX
•
CTS
•
RTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com