Electronic Components Datasheet Search
  English  ▼

X  

CC2564MODACMOG.B Datasheet(PDF) 26 Page - Texas Instruments

Part # CC2564MODACMOG.B
Description  CC2564MODx Bluetooth® Host Controller Interface (HCI) Module
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2564MODACMOG.B Datasheet(HTML) 26 Page - Texas Instruments

Back Button CC2564MODACMOG.B Datasheet HTML 22Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 23Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 24Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 25Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 26Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 27Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 28Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 29Page - Texas Instruments CC2564MODACMOG.B Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
26
CC2564MODN, CC2564MODA
SWRS160E – FEBRUARY 2014 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2564MODN CC2564MODA
Detailed Description
Copyright © 2014–2017, Texas Instruments Incorporated
5.9.1
Assisted HFP 1.6 (WBS)
The HFP 1.6 Profile Specification adds the requirement for WBS support. The WBS feature allows twice
the voice quality versus legacy voice coding schemes at the same air bandwidth (64 kbps). This feature is
achieved using a voice sampling rate of 16 kHz, a modified subband coding (mSBC) scheme, and a
packet loss concealment (PLC) algorithm. The mSBC scheme is a modified version of the mandatory
audio coding scheme used in the A2DP profile with the parameters listed in Table 5-3.
Table 5-3. mSBC Parameters
PARAMETER
VALUE
Channel mode
Mono
Sampling rate
16 kHz
Allocation method
Loudness
Subbands
8
Block length
15
Bitpool
26
The assisted HFP 1.6 mode of operation implements this WBS feature on the embedded coprocessor.
That is, the mSBC voice coding scheme and the PLC algorithm are executed in the coprocessor rather
than in the host, thus minimizing host processing and power. One WBS connection at a time is supported
and WBS and NBS connections cannot be used simultaneously in this mode of operation. Figure 5-9
shows the architecture comparison between the common implementation of the HFP 1.6 profile and the
assisted HFP 1.6 solution.
Figure 5-9. HFP 1.6 Architecture Versus Assisted HFP 1.6 Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com