Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF82 Datasheet(PDF) 49 Page - Texas Instruments

Part # DAC38RF82
Description  DAC38RF8x Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF82 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DAC38RF82 Datasheet HTML 45Page - Texas Instruments DAC38RF82 Datasheet HTML 46Page - Texas Instruments DAC38RF82 Datasheet HTML 47Page - Texas Instruments DAC38RF82 Datasheet HTML 48Page - Texas Instruments DAC38RF82 Datasheet HTML 49Page - Texas Instruments DAC38RF82 Datasheet HTML 50Page - Texas Instruments DAC38RF82 Datasheet HTML 51Page - Texas Instruments DAC38RF82 Datasheet HTML 52Page - Texas Instruments DAC38RF82 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 147 page
background image
49
DAC38RF82, DAC38RF89
www.ti.com
SLASEA6D – FEBRUARY 2017 – REVISED JUNE 2020
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
8.3.15 JESD204B Pattern Test
The DAC38RF82 (or DAC38RF89) supports the following test patterns for JESD204B:
•
Link layer test pattern by setting field JESD_TEST_SEQ in register JESD_LN_EN (8.5.45) and monitoring the
lane alarms (1 = fail, 0 = pass)
–
Verify repeating /D.21.5/ high frequency pattern for random jitter (RJ)
–
Verify repeating /K.28.5/ mixed frequency pattern for deterministic jitter (DJ)
–
Verify repeating initial lane alignment (ILA) sequence
•
RPAT, JSPAT or JTSPAT pattern can be verified using errors counter of 8b/10b errors produced over an
amount of time to get an estimate of BER.
•
Transport layer test pattern: implements a short transport layer pattern check based on F = 1, 2, 4 or 8. The
short test pattern has a duration of one frame period and is repeated continuously for the duration of the test.
Each sample has a unique value that can be identified with the position of the sample in the user data format.
The sample values are such that correct sample values will never be decoded at the receiver if there is a
mismatch between the mapping formats being used at the transmitter and receiver devices. This can
generally be accomplished by ensuring there are no repeating sub patterns within the stream of samples
being transmitted. Refer to the JESD204B standard section 5.1.6 for more details.
The DAC38RF82 (or DAC38RF89) expects the test samples, in a frame, transmitted by an logic device as per
Table 38:
Table 38. Short Test Patterns
JESD Mode
i0
q0
i1
q1
82121
7CB8, F431
6DA9, E520
n/a
n/a
42111
7CB8
F431
n/a
n/a
22210
7CB8
F431
n/a
n/a
12410
7CB8
F431
n/a
n/a
44210
7CB8
F431
6DA9
E520
24410
7CB8
F431
6DA9
E520
41121
7CB8, F431
n/a
n/a
n/a
81180
7C00, B800, F400, 3100, 6D00,
A900, E500, 2000
n/a
n/a
n/a
24310
7CB0
F430
6DA0
E520
41380
7CB0, F430, 6DA0, E520, F870,
E960, DA50, CB40
n/a
n/a
n/a
The short test pattern has duration of one frame period and is repeated continuously for the duration of the test.
Each sample has a unique value that can be identified with the position of the sample in the user data format.
The sample values are such that correct sample values will never be decoded at the receiver if there is a
mismatch between the mapping formats being used at the transmitter and receiver devices. This can generally
be accomplished by ensuring there are no repeating sub patterns within the stream of samples being transmitted.
Following are the steps required to execute the short test functionality in DAC38RF82 (or DAC38RF89).
1. Configure other registers, make sure clocks are up and running.
2. Start driving short test patterns
3. Clear short test alarm by writing ‘0’ to field ALM_FROM_SHORTTEST in register ALM_SYSREF_PAP
(8.5.67). This is a paged register, one for each Multi-DUC.
4. Enable short test by writing a ‘1’ to field SHORTTEST_ENA in register MULTIDUC_CFG2 (8.5.14).
5. Read the short test alarm from field ALM_FROM_SHORTTEST in register ALM_SYSREF_PAP (8.5.67).
This is a paged register, one for each Multi-DUC
If the alarm read from the register is high, the short test has detected an error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com