Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF82 Datasheet(PDF) 65 Page - Texas Instruments

Part # DAC38RF82
Description  DAC38RF8x Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF82 Datasheet(HTML) 65 Page - Texas Instruments

Back Button DAC38RF82 Datasheet HTML 61Page - Texas Instruments DAC38RF82 Datasheet HTML 62Page - Texas Instruments DAC38RF82 Datasheet HTML 63Page - Texas Instruments DAC38RF82 Datasheet HTML 64Page - Texas Instruments DAC38RF82 Datasheet HTML 65Page - Texas Instruments DAC38RF82 Datasheet HTML 66Page - Texas Instruments DAC38RF82 Datasheet HTML 67Page - Texas Instruments DAC38RF82 Datasheet HTML 68Page - Texas Instruments DAC38RF82 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 147 page
background image
Fmax
min
PFD
CP
Fvco
Fixed
div x Mdiv
_
/
_
y N
PFD
and
charge pump
Output
buffer
y 4
y M
DAC
CLK
Feedback
High VCO
Low VCO
PLL_N(4-0)
PLL_M(7-0)
65
DAC38RF82, DAC38RF89
www.ti.com
SLASEA6D – FEBRUARY 2017 – REVISED JUNE 2020
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.3 Internal PLL/VCO
The DAC38RF82 (or DAC38RF89) has an internal clock generation circuit consisting of a PLL and two selectable
VCOs, as shown in Figure 49.
Figure 49. Internal PLL/VCO Block Diagram
DAC38RF82 (or DAC38RF89) each have a low VCO (VCO0) and high VCO (VCO1), but they are tuned to
different center frequencies in each device. The VCO frequency ranges for each device are summarized in
Electrical Characteristics - Digital Specifications. The VCO is selected through field PLL_VCOSEL in register
PLL_CONFIG2 (8.5.81), with ‘0’ selecting the low VCO and a ‘1’ the high VCO. The 7 bit VCO tuning code in
field PLL_VCO in register PLL_CONFIG2 (8.5.81) is used to tune the VCO frequency from the lowest frequency
in the range to the highest frequency for the particular VCO used. For the low VCO the center VCO frequency is
achieved with PLL_VCO = 63decimal and for the high VCO the center frequency is achieved with PLL_VCO =
63decimal.
The supply current, and therefore; the analog signal amplitude in the VCO is controlled using the field
PLL_VCO_RDAC in register PLL_CONFIG1 (8.5.80). This control signal should be set 15decimal initially for 18 mA
supply current in the VCO and ~1.4 VPP single ended oscillation amplitude.
The PLL has no prescaler, so the DAC sample rate is the VCO frequency. In the PLL feedback path a fixed ÷ 4
frequency divider block receives the VCO output clock and divides its frequency by 4. The maximum operating
frequency of the phase-frequency detector (PFD) and charge pump (CP) requires this. The M (feedback) clock
divider takes the output clock signal from the fixed ÷4 block and divides it by a programmable ratio set by the 8-
bit field in field PLL_M_M1 in register PLL_CONFIG1 (8.5.80). The programmable division ratio range is ÷1 to
÷256, and is the value of the 8 bit unsigned binary code + 1. Although it is possible to program the M divider to
÷1, ÷2 and ÷3, these values should not be used. As stated previously the PFD and CP have a finite maximum
operating frequency, which is the VCO frequency divided by the fixed divider ratio multiplied by the minimum
allowable M divider ratio.
(18)
The N (reference) divider determines the ratio between the input reference clock frequency and the PFD
operating frequency, and is set by the 5-bit field PLL_N_M1 in register CLK_PLL_CFG (8.5.79). The division ratio
range is ÷1 to ÷32, and is the value of the 5-bit unsigned binary code + 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com