Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF82 Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC38RF82
Description  DAC38RF8x Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF82 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC38RF82 Datasheet HTML 3Page - Texas Instruments DAC38RF82 Datasheet HTML 4Page - Texas Instruments DAC38RF82 Datasheet HTML 5Page - Texas Instruments DAC38RF82 Datasheet HTML 6Page - Texas Instruments DAC38RF82 Datasheet HTML 7Page - Texas Instruments DAC38RF82 Datasheet HTML 8Page - Texas Instruments DAC38RF82 Datasheet HTML 9Page - Texas Instruments DAC38RF82 Datasheet HTML 10Page - Texas Instruments DAC38RF82 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 147 page
background image
7
DAC38RF82, DAC38RF89
www.ti.com
SLASEA6D – FEBRUARY 2017 – REVISED JUNE 2020
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
C11, C12, D11, E11,
F12, J12, K11, L11,
M11, M12
AGND
–
Analog ground.
K8
ALARM
O
CMOS output for ALARM condition. Default polarity is active low, but can be changed to active high via
RESET_CONFIG alm_out_pol control bit..
G3
AMUX0
O
Analog test pin for SerDes, Lane 0 to Lane 3. Can be left floating.
F3
AMUX1
O
Analog test pin for SerDes, Lane 4 to Lane 7. Can be left floating.
C8
ATEST
O
Analog test pin for DAC, references and PLL. Can be left floating.
A7
CLKTX+
O
Divided output clock, internal 100 Ω differential termination, self-biased, positive terminal.
A6
CLKTX-
O
Divided output clock, internal 100 Ω differential termination, self-biased, negative terminal.
A10
DACCLK+
I
Device clock, internal 100 Ω differential termination, self-biased, positive terminal.
A9
DACCLK-
I
Device clock, internal 100 Ω differential termination, self-biased, negative terminal.
A12
DACCLKSE
I
Single ended device clock optional input. Can be left floating if not used, internal 50 Ω termination.
A2, B2, C2, D2, D6, E2,
E7, F2, F6, G2, G7, H6,
J7, K2, L2, L3, L4, L5,
M6
DGND
-
Digital ground.
C10
EXTIO
I/O
Requires a 0.1 μF decoupling capacitor to AGND.
K7
GPI0
-
Factory use only. User should GND.
M7
GPI1
-
Factory use only. User should GND.
L7
GPO0
O
Used for CMOS SYNC0\ signal.
L6
GPO1
O
Used for CMOS SYNC1\ signal.
D3
IFORCE
O
Test pin for on chip parametrics. Can be left floating.
C9
RBIAS
O
Full-scale output current bias. Change the full-scale output current through DACFS in register DACFS
(8.5.72). Expected to be 3.6 kΩ to GND for 40 mA full scale output.
K9
RESET
I
Active low input for chip RESET, which resets all the programming registers to their default state. Internal
pull-up.
J1
RX0+
I
CML SerDes interface lane 0 input, positive
K1
RX0-
I
CML SerDes interface lane 0 input, negative
M1
RX1+
I
CML SerDes interface lane 1 input, positive
L1
RX1-
I
CML SerDes interface lane 1 input, negative
M2
RX2+
I
CML SerDes interface lane 2 input, positive
M3
RX2-
I
CML SerDes interface lane 2 input, negative
M5
RX3+
I
CML SerDes interface lane 3 input, positive
M4
RX3-
I
CML SerDes interface lane 3 input, negative
H1
RX4+
I
CML SerDes interface lane 4 input, positive
G1
RX4-
I
CML SerDes interface lane 4 input, negative
E1
RX5+
I
CML SerDes interface lane 5 input, positive
F1
RX5-
I
CML SerDes interface lane 5 input, negative
D1
RX6+
I
CML SerDes interface lane 6 input, positive
C1
RX6-
I
CML SerDes interface lane 6 input, negative
A1
RX7+
I
CML SerDes interface lane 7 input, positive
B1
RX7-
I
CML SerDes interface lane 7 input, negative
L9
SCLK
I
Serial interface clock. Internal pull-down.
M8
SDEN
I
Active low serial data enable, always an input to the DAC38RFxx. Internal pull-up.
M10
SDIO
I/O
Serial interface data. Bi-directional in 3-pin mode (default) and uni-directional input 4-pin mode. Internal
pull-down.
M9
SDO
O
Uni-directional serial interface data output in 4-pin mode. The SDO pin is tri-stated in 3-pin interface
mode (default).
L8
SLEEP
I
Active high asynchronous hardware power-down input. Internal pull-down.
C4
SYNC0+
O
Synchronization request to transmitter for JESD204B link 0, LVDS positive output.
C3
SYNC0-
O
Synchronization request to transmitter for JESD204B link 0, LVDS negative output.
C7
SYNC1+
O
Synchronization request to transmitter for JESD204B link 1, LVDS positive output.
C6
SYNC1-
O
Synchronization request to transmitter for JESD204B link 1, LVDS negative output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com