Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 184 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 184 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 180Page - Texas Instruments DM505LRBABF Datasheet HTML 181Page - Texas Instruments DM505LRBABF Datasheet HTML 182Page - Texas Instruments DM505LRBABF Datasheet HTML 183Page - Texas Instruments DM505LRBABF Datasheet HTML 184Page - Texas Instruments DM505LRBABF Datasheet HTML 185Page - Texas Instruments DM505LRBABF Datasheet HTML 186Page - Texas Instruments DM505LRBABF Datasheet HTML 187Page - Texas Instruments DM505LRBABF Datasheet HTML 188Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 295 page
background image
184
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2018, Texas Instruments Incorporated
•
TMS320C66x DSP CorePac memory components:
–
A 32-KiB L1 program memory (L1P) configurable as cache and/or SRAM:
•
When configured as a cache, the L1P is a 1-way set-associative cache with a 32-byte cache
line
•
The DSP CorePac L1P memory controller provides bandwidth management, memory
protection, and power-down functions
•
The L1P is capable of cache block and global coherence operations
•
The L1P controller has an Error Detection (ED) mechanism, including necessary SRAM
•
The L1P memory can be fully configured as a cache or SRAM
•
Page size for L1P memory is 2KB
–
A 32-KiB L1 data memory (L1D) configurable as cache and / or SRAM:
•
When configured as a cache, the L1D is a 2-way set-associative cache with a 64-byte cache
line
•
The DSP CorePac L1D memory controller provides bandwidth management, memory
protection, and power-down functions
•
The L1D memory can be fully configured as a cache or SRAM
•
No support for error correction or detection
•
Page size for L1D memory is 2KB
–
A 288-KiB (program and data) L2 memory, only part of which is cacheable:
•
When configured as a cache, the L2 memory is a 4-way set associative cache with a 128-byte
cache line
•
Only 256 KiB of L2 memory can be configured as cache or SRAM
•
32 KiB of the L2 memory is always mapped as SRAM
•
The L2 memory controller has an Error Correction Code (ECC) and ED mechanism, including
necessary SRAM
•
The L2 memory controller supports hardware prefetching and also provides bandwidth
management, memory protection, and power-down functions.
•
Page size for L2 memory is 16KB
•
The External Memory Controller (EMC) is a bridge from the C66x CorePac to the rest of the DSP
subsystem and device. It has :
–
a 32-bit configuration port (CFG) providing access to local subsystem resources (like DSP_EDMA,
DSP_SYSTEM, and so forth) or to L3_MAIN resources accessible via the CFG address range.
–
a 128-bit slave-DMA port (SDMA) which provides accesses of system masters outside the DSP
subsystem to resources inside the DSP subsystem or C66x DSP CorePac memories, i.e. when the
DSP subsystem is the slave in a transaction.
•
The Extended Memory Controller (XMC) processes requests from the L2 Cache Controller (which
are a result of CPU instruction fetches, load/store commands, cache operations) to device resources
via the C66x DSP CorePac 128-bit master DMA (MDMA) port:
–
Memory protection for addresses outside C66x DSP CorePac generated over device L3_MAIN on
the MDMA port
–
Prefetch, multi-in-flight requests
•
A DSP local Interrupt Controller (INTC) in the DSP C66x CorePac, interfaces the system events to
the DSP C66x core CPU interrupt and exceptions inputs. The DSP subsystem C66x CorePac interrupt
controller supports up to 128 system events of which 64 interrupts are external to DSP subsystems,
collected from the DSP1/DSP2 dedicated outputs of the device Interrupt Crossbar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com