Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 185 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 185 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 181Page - Texas Instruments DM505LRBABF Datasheet HTML 182Page - Texas Instruments DM505LRBABF Datasheet HTML 183Page - Texas Instruments DM505LRBABF Datasheet HTML 184Page - Texas Instruments DM505LRBABF Datasheet HTML 185Page - Texas Instruments DM505LRBABF Datasheet HTML 186Page - Texas Instruments DM505LRBABF Datasheet HTML 187Page - Texas Instruments DM505LRBABF Datasheet HTML 188Page - Texas Instruments DM505LRBABF Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 295 page
background image
185
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2018, Texas Instruments Incorporated
•
Local Enhanced Direct Memory Access (EDMA) controller features:
–
Channel controller (CC) : 64-channel, 128 PaRAM, 2 Queues
–
2 x Third-party Transfer Controllers (TPTC0 and TPTC1):
•
Each TC has a 128-bit read port and a 128-bit write port
•
2KiB FIFOs on each TPTC
–
1-dimensional/2-dimensional (1D/2D) addressing
–
Chaining capability
•
DSP subsystem integrated MMUs:
–
Two MMUs are integrated:
•
The MMU0 is located between DSP MDMA master port and the device L3_MAIN interconnect
and can be optionally bypassed
•
The MMU1 is located between the EDMA master port and the device L3_MAIN interconnect
•
A DSP local Power-Down Controller (PDC) is responsible to power-down various parts of the DSP
C66x CorePac, or the entire DSP C66x CorePac.
•
The DSP subsystem System Control logic provides:
–
Slave idle and master standby protocols with device PRCM for powerdown
–
OCP Disconnect handshake for init and target busses
–
Asynchronous reset
–
Power-down modes:
•
"Clockstop" mode featuring wake-up on interrupt event. The DMA event wake-up is managed in
software.
•
The device DSP subsystem is supplied by a PRCM DPLL, but each DSP1/2 has integrated its own
PLL module outside the C66x CorePac for clock gating and division.
•
Each of the two device DSP subsystem has following port instances to connect to remaining part
of the device. See also :
–
A 128-bit initiator (DSP MDMA master) port for MDMA/Cache requests
–
A 128-bit initiator (DSP EDMA master) port for EDMA requests
–
A 32-bit initiator (DSP CFG master) port for configuration requests
–
A 128-bit target (DSP slave) port for requests to DSP memories and various peripherals
•
C66x DSP subsystems (DSPSS) safety aspects:
–
Above mentioned memory ECC/ED mechanisms
–
MMUs enable mapping of only the necessary application space to the processor
–
Memory Protection Units internal to the DSPSS (in L1P, L1D and L2 memory controllers) and
external to DSPSS (firewalls) to help define legal accesses and raise exceptions on illegal
accesses
–
Exceptions: Memory errors, various DSP errors, MMU errors and some system errors are detected
and cause exceptions. The exceptions could be handled by the DSP or by a designated safety
processor at the chip level. Note that it may not be possible for the safety processor to completely
handle some exceptions
Unsupported features on the C66x DSP core for the device are:
•
The Extended Memory Controller MPAX (memory protection and address extension) 36-bit addressing
is NOT supported
Known DSP subsystem power mode restrictions for the device are:
•
"Full logic / RAM retention" mode featuring wake-up on both interrupt or DMA event (logic in “always
on” domain). Only OFF mode is supported by DSP subsystem, requiring full boot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com