Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 190 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 190 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 186Page - Texas Instruments DM505LRBABF Datasheet HTML 187Page - Texas Instruments DM505LRBABF Datasheet HTML 188Page - Texas Instruments DM505LRBABF Datasheet HTML 189Page - Texas Instruments DM505LRBABF Datasheet HTML 190Page - Texas Instruments DM505LRBABF Datasheet HTML 191Page - Texas Instruments DM505LRBABF Datasheet HTML 192Page - Texas Instruments DM505LRBABF Datasheet HTML 193Page - Texas Instruments DM505LRBABF Datasheet HTML 194Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 295 page
background image
190
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2018, Texas Instruments Incorporated
•
OCD calibration for DDR2
•
CAS Read Latency of 2 and CAS Write Latency of 1 for DDR2
•
DLL disabling from EMIF side
For more information, see section DDR External Memory Interface (EMIF) in chapter Memory Subsystem
of the device TRM.
6.6.2
GPMC
The General Purpose Memory Controller (GPMC) is an external memory controller of the device. Its data
access engine provides a flexible programming model for communication with all standard memories.
The GPMC supports the following various access types:
•
Asynchronous read/write access
•
Asynchronous read page access (4, 8, and 16 Word16)
•
Synchronous read/write access
•
Synchronous read/write burst access without wrap capability (4, 8 and 16 Word16)
•
Synchronous read/write burst access with wrap capability (4, 8 and 16 Word16)
•
Address-data-multiplexed (AD) access
•
Address-address-data (AAD) multiplexed access
•
Little- and big-endian access
The GPMC can communicate with a wide range of external devices:
•
External asynchronous or synchronous 8-bit wide memory or device (non burst device)
•
External asynchronous or synchronous 16-bit wide memory or device
•
External 16-bit non-multiplexed NOR flash device
•
External 16-bit address and data multiplexed NOR Flash device
•
External 8-bit and 16-bit NAND flash device
•
External 16-bit pseudo-SRAM (pSRAM) device
The main features of the GPMC are:
•
8- or 16-bit-wide data path to external memory device
•
Supports up to eight CS regions of programmable size and programmable base addresses in a total
address space of 1 GiB
•
Supports transactions controlled by a firewall
•
On-the-fly error code detection using the Bose-ChaudhurI-Hocquenghem (BCH) (t = 4, 8, or 16) or
Hamming code to improve the reliability of NAND with a minimum effect on software (NAND flash with
512-byte page size or greater)
•
Fully pipelined operation for optimal memory bandwidth use
•
The clock to the external memory is provided from GPMC functional clock divided by 1, 2, 3, or 4
•
Supports programmable autoclock gating when no access is detected
•
Independent and programmable control signal timing parameters for setup and hold time on a per-chip
basis. Parameters are set according to the memory device timing parameters, with a timing granularity
of one GPMC functional clock cycle.
•
Flexible internal access time control (WAIT state) and flexible handshake mode using external WAIT
pin monitoring
•
Support bus keeping
•
Support bus turnaround
•
Prefetch and write posting engine associated with a device DMA to achieve full performance from the
NAND device with minimum effect on NOR/SRAM concurrent access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com