Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 191 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 191 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 187Page - Texas Instruments DM505LRBABF Datasheet HTML 188Page - Texas Instruments DM505LRBABF Datasheet HTML 189Page - Texas Instruments DM505LRBABF Datasheet HTML 190Page - Texas Instruments DM505LRBABF Datasheet HTML 191Page - Texas Instruments DM505LRBABF Datasheet HTML 192Page - Texas Instruments DM505LRBABF Datasheet HTML 193Page - Texas Instruments DM505LRBABF Datasheet HTML 194Page - Texas Instruments DM505LRBABF Datasheet HTML 195Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 295 page
background image
191
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2018, Texas Instruments Incorporated
For more information, see section General-Purpose Memory Controller (GPMC) in chapter Memory
Subsystem of the device TRM.
6.6.3
ELM
When reading from NAND flash memories, some level of error-correction is required. In the case of NAND
modules with no internal correction capability, sometimes referred to as bare NANDs, the correction
process is delegated to the memory controller.
The ELM supports the following features:
•
4, 8, and 16 bits per 512-byte block error location based on BCH algorithm
•
Eight simultaneous processing contexts
•
Page-based and continuous modes
•
Interrupt generation when error location process completes:
–
When the full page has been processed in page mode
–
For each syndrome polynomial (checksum-like information) in continuous mode
For more information, see section Error Location Module in chapter Memory Subsystem of the device
TRM.
6.6.4
OCMC
There is one on-chip memory controller (OCMC) in the device.
The OCM Controller supports the following features:
•
L3_MAIN data interface:
–
Used for maximum throughput performance
–
128-bit data bus width
–
Burst supported
•
L4 interface:
–
Used for access to configuration registers
–
32-bit data bus width
–
Only single accesses supported
–
The L4 associated OCMC clock is two times lower than the L3 associated OCMC clock
•
Error correction and detection:
–
Single error correction and dual error detection
–
9-bit Hamming error correction code (ECC) calculated on 128-bit data word which is concatenated
with memory address bits
–
Hamming distance of 4
–
Enable/Disable mode control through a dedicated register
–
Single bit error correction on a read transaction
–
Exclusion of repeated addresses from correctable error address trace history
–
ECC valid for all write transactions to an enabled region
–
Sub-128-bit writes supported via read modify write
•
ECC Error Status Reporting:
–
Trace history buffer (FIFO) with depth of 4 for corrected error address
–
Trace history buffer with depth of 4 for non correctable error address and also including double
error detection
–
Interrupt generation for correctable and uncorrectable detected errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com