Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 195 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 195 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 191Page - Texas Instruments DM505LRBABF Datasheet HTML 192Page - Texas Instruments DM505LRBABF Datasheet HTML 193Page - Texas Instruments DM505LRBABF Datasheet HTML 194Page - Texas Instruments DM505LRBABF Datasheet HTML 195Page - Texas Instruments DM505LRBABF Datasheet HTML 196Page - Texas Instruments DM505LRBABF Datasheet HTML 197Page - Texas Instruments DM505LRBABF Datasheet HTML 198Page - Texas Instruments DM505LRBABF Datasheet HTML 199Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 295 page
background image
195
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2018, Texas Instruments Incorporated
EDMA controller uses the shared MMU1 module for transfering to and from DSP module. This
provides several benefits including:
•
Protection of Host CPU memory regions from accidental corruption by EDMA TPTCs.
•
Direct allocation of buffers in user space without the need for translation between CPU and DSP
applications using EDMA TPTCs.
Accesses by the EDMA TPTCs (both TPTC0 and TPTC1) may optionally be routed through the
MMU1.
The TPTC0 and TPTC1 routing allows EDMA transfer controller to be used to perform transfers using
only the virtual addresses of the associated buffers.
For more information chapter Enhanced DMA of the device TRM.
6.10 Peripherals
6.10.1 VIP
The VIP module provides video capture functions for the device. VIP incorporates a multichannel raw
video parser, various video processing blocks, and a flexible Video Port Direct Memory Access (VPDMA)
engine to store incoming video in various formats. The device uses a single instantiation of the VIP
module giving the ability of capturing up to two video streams.
A VIP module includes the following main features:
•
Two independently configurable external video input capture slices (Slice 0 and Slice 1) each of which
has two video input ports, Port A and Port B, where Port A can be configured as a 16/8-bit port, and
Port B is a fixed 8-bit port.
•
Each video Port A can be operated as a port with clock independent input channels (with interleaved or
separated Y/C data input). Embedded sync and external sync modes are supported for all input
configurations.
•
Support for a single external asynchronous pixel clock, up to 165MHz per port.
•
Pixel Clock Input Domain Port A supports up to one 16-bit input data bus, including BT.1120 style
embedded sync for 16-bit data.
•
Embedded Sync data interface mode supports single or multiplexed sources
•
Discrete Sync data interface mode supports only single source input
•
16-bit data input plus discrete syncs can be configured to include:
–
8-bit YUV422 (Y and U/V time interleaved)
–
16-bit YUV422 (CbY and CrY time interleaved)
–
16-bit RGB565
–
16-bit RAW Capture
•
Discrete sync modes include:
–
VSYNC + HSYNC (FID determined by FID signal pin or HSYNC/VSYNC skew)
–
VSYNC + ACTVID + FID
–
VBLANK + ACTVID (ACTVID toggles in VBLANK) + FID
–
VBLANK + ACTVID (no ACTVID toggles in VBLANK) + FID
•
Multichannel parser (embedded syncs only)
–
Embedded syncs only
–
Pixel (2x or 4x) or Line multiplexed modes supported
–
Performs demultiplexing and basic error checking
–
Supports maximum of 9 channels in Line Mux (8 normal + 1 split line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com