Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 224 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 224 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 220Page - Texas Instruments DM505LRBABF Datasheet HTML 221Page - Texas Instruments DM505LRBABF Datasheet HTML 222Page - Texas Instruments DM505LRBABF Datasheet HTML 223Page - Texas Instruments DM505LRBABF Datasheet HTML 224Page - Texas Instruments DM505LRBABF Datasheet HTML 225Page - Texas Instruments DM505LRBABF Datasheet HTML 226Page - Texas Instruments DM505LRBABF Datasheet HTML 227Page - Texas Instruments DM505LRBABF Datasheet HTML 228Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 295 page
background image
224
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
•
PMIC component DM and guidelines should be referenced for the following:
–
Routing remote feedback sensing to optimize per each SMPS’s implementation
–
Selecting power filtering capacitor values and PCB placement.
•
Max Total Effective Resistance (Reff) budget can range from 4 – 100mΩ for key Device power rails not
including ground returns depending upon maximum load currents and maximum DC voltage drop
budget (as discussed above).
•
Max Device supply input voltage difference budget of 5mV under max current loading shall be
maintained across all balls connected to a common power rail. This represents any voltage difference
that may exist between a remote sense point to any power input.
•
Max PCB Loop Inductance (LL) budget between Device’s power inputs and local bulk and high
frequency decoupling capacitors including ground returns should range from 0.4 – 2.5nH depending
upon maximum transient load currents.
•
Max PCB dynamic/AC peak-to-peak transient noise voltage budgets between PMIC and Device
including ground returns are as follows:
–
+/-3% of nominal supply voltage for frequencies below the PMIC bandwidth (typ Fpmic ~
200kHz)
–
+/-5% of nominal supply voltage for frequencies between Fpmic to Fpcb (typ 20 – 100MHz)
•
Max PCB Impedance (Z) vs Frequency (F) budget between Device’s power inputs and PMIC’s output
power filter node including ground return is determined by applying the Frequency Domain Target
Impedance Method to determine the PCB’s maximum frequency of interest (Fpcb). Ideally a properly
designed and decoupled PDN will exhibit smoothly increasing Z vs. F curve. There are 2 general
regions of interest as can be seen in Figure 7-14.
–
1st area is from DC (0Hz) up to Fpmic (typ a few 100 kHz) where a PMIC’s transient response
characteristic (i.e. Switching Freq, Compensation Loop BW) dominate. A PDN’s Z is typically very
low due to power filtering and bulk capacitor values when PDN has very low trace resistance (i.e.
good Reff performance). The goal is to maintain a smoothly increasing Z that is less than Zt1 over
this low frequency range. This will ensure that a max transient current event will not cause a
voltage drop more than the PMIC’s current step response can support (typ 3%).
–
2nd area is from Fpmic up to Fpcb (typ 20-100MHz) where a PCB’s inherent characteristics (i.e.
parasitic capacitance, planar spreading inductances) dominate. A PDN’s Z will naturally increase
with frequency. At frequencies between Fpmic up to Fpcb, the goal is to maintain a smoothly
increasing Z to be less than Zt2. This will ensue that the high frequency content of a max transient
current event will not cause a voltage drop to be more than 5% of the min supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com